| 전자부품 데이터시트 검색엔진 |
|
CS5464 데이터시트(PDF) 44 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5464 데이터시트(HTML) 44 Page - Cirrus Logic |
|
44 / 46 page ![]() CS5464 44 DS682F1 13. ORDERING INFORMATION 14. ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION * MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020. Model Temperature Package CS5464-IS -40 to +85 °C 28-pin SSOP CS5464-ISZ (lead free) Model Number Peak Reflow Temp MSL Rating* Max Floor Life CS5464-IS 240 °C 2 365 Days CS5464-ISZ (lead free) 260 °C 3 7 Days |