| 전자부품 데이터시트 검색엔진 |
|
AT89C5122DS-RDTUM 데이터시트(PDF) 155 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C5122DS-RDTUM 데이터시트(HTML) 155 Page - ATMEL Corporation |
|
155 / 208 page ![]() 155 AT83R5122, AT8xC5122/23 4202F–SCR–07/2008 Reset Value = 0000 0000b Table 95. Keyboard Input Enable Register - KBE (9Dh) 7654 3210 KBE7 KBE6 KBE5 KBE4 KBE3 KBE2 KBE1 KBE0 Bit Number Bit Mnemonic Description 7 KBE7 Keyboard line 7 Enable bit Cleared to enable standard I/O pin. Set to enable KBF.7 bit in KBF register to generate an interrupt request. 6 KBE6 Keyboard line 6 Enable bit Cleared to enable standard I/O pin. Set to enable KBF.6 bit in KBF register to generate an interrupt request. 5 KBE5 Keyboard line 5 Enable bit Cleared to enable standard I/O pin. Set to enable KBF.5 bit in KBF register to generate an interrupt request. 4 KBE4 Keyboard line 4 Enable bit Cleared to enable standard I/O pin. Set to enable KBF.4 bit in KBF register to generate an interrupt request. 3 KBE3 Keyboard line 3 Enable bit Cleared to enable standard I/O pin. Set to enable KBF.3 bit in KBF register to generate an interrupt request. 2 KBE2 Keyboard line 2 Enable bit Cleared to enable standard I/O pin. Set to enable KBF.2 bit in KBF register to generate an interrupt request. 1 KBE1 Keyboard line 1 Enable bit Cleared to enable standard I/O pin. Set to enable KBF.1 bit in KBF register to generate an interrupt request. 0 KBE0 Keyboard line 0 Enable bit Cleared to enable standard I/O pin. Set to enable KBF.0 bit in KBF register to generate an interrupt request. |