전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPSD3234A 데이터시트(PDF) 32 Page - STMicroelectronics

부품명 UPSD3234A
상세설명  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3234A 데이터시트(HTML) 32 Page - STMicroelectronics

Back Button UPSD3234A Datasheet HTML 28Page - STMicroelectronics UPSD3234A Datasheet HTML 29Page - STMicroelectronics UPSD3234A Datasheet HTML 30Page - STMicroelectronics UPSD3234A Datasheet HTML 31Page - STMicroelectronics UPSD3234A Datasheet HTML 32Page - STMicroelectronics UPSD3234A Datasheet HTML 33Page - STMicroelectronics UPSD3234A Datasheet HTML 34Page - STMicroelectronics UPSD3234A Datasheet HTML 35Page - STMicroelectronics UPSD3234A Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 170 page
background image
uPSD3234A, uPSD3234BV, uPSD3233B, uPSD3233BV
32/170
E7
UDT0
UDT0.7
UDT0.6
UDT0.5 UDT0.4
UDT0.3 UDT0.2 UDT0.1
UDT0.0
00
USB Endpt0
Data Xmit
E8
UISTA
SUSPND
—
RSTF
TXD0F
RXD0F
RXD1F
EOPF
RESUMF
00
USB
Interrupt
Status
E9
UIEN
SUSPNDI
E
RSTE
RSTFIE TXD0IE RXD0IE TXD1IE
EOPIE
RESUMI
E
00
USB
Interrupt
Enable
EA
UCON0
TSEQ0
STALL0
TX0E
RX0E
TP0SIZ3 TP0SiZ2 TP0SIZ1 TP0SIZ0
00
USB Endpt0
Xmit Control
EB
UCON1
TSEQ1
EP12SEL
—
FRESUM TP1SIZ3 TP1SiZ2 TP1SIZ1 TP1SIZ0
00
USB Endpt1
Xmit Control
EC
UCON2
—
—
—
SOUT
EP2E
EP1E
STALL2
STALL1
00
USB Control
Register
ED
USTA
RSEQ
SETUP
IN
OUT
RP0SIZ3 RP0SIZ2 RP0SIZ1 RP0SIZ0
00
USB Endpt0
Status
EE
UADR
USBEN
UADD6
UADD5
UADD4
UADD3
UADD2
UADD1
UADD0
00
USB
Address
Register
EF
UDR0
UDR0.7
UDR0.6 UDR0.5 UDR0.4 UDR0.3 UDR0.2 UDR0.1 UDR0.0
00
USB Endpt0
Data Recv
F0
B
00
B Register
SFR
Addr
Reg Name
Bit Register Name
Reset
Value
Comments
76
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More