전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT26DF161 데이터시트(PDF) 6 Page - ATMEL Corporation

부품명 AT26DF161
상세설명  16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF161 데이터시트(HTML) 6 Page - ATMEL Corporation

Back Button AT26DF161 Datasheet HTML 2Page - ATMEL Corporation AT26DF161 Datasheet HTML 3Page - ATMEL Corporation AT26DF161 Datasheet HTML 4Page - ATMEL Corporation AT26DF161 Datasheet HTML 5Page - ATMEL Corporation AT26DF161 Datasheet HTML 6Page - ATMEL Corporation AT26DF161 Datasheet HTML 7Page - ATMEL Corporation AT26DF161 Datasheet HTML 8Page - ATMEL Corporation AT26DF161 Datasheet HTML 9Page - ATMEL Corporation AT26DF161 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6
3599G–DFLASH–8/08
AT26DF161
Table 6-1.
Command Listing
Command
Opcode
Address Bytes
Dummy Bytes
Data Bytes
Read Commands
Read Array
0Bh
0000 1011
3
1
1+
Read Array (Low Frequency)
03h
0000 0011
3
0
1+
Program and Erase Commands
Block Erase (4-KBytes)
20h
0010 0000
3
0
0
Block Erase (32-KBytes)
52h
0101 0010
3
0
0
Block Erase (64-KBytes)
D8h
1101 1000
3
0
0
Chip Erase
60h
0110 0000
0
0
0
C7h
1100 0111
0
0
0
Byte/Page Program (1 to 256 Bytes)
02h
0000 0010
3
0
1+
Protection Commands
Write Enable
06h
0000 0110
0
0
0
Write Disable
04h
0000 0100
0
0
0
Protect Sector
36h
0011 0110
3
0
0
Unprotect Sector
39h
0011 1001
3
0
0
Global Protect/Unprotect
Use Write Status Register command
Read Sector Protection Registers
3Ch
0011 1100
3
0
1+
Status Register Commands
Read Status Register
05h
0000 0101
0
0
1+
Write Status Register
01h
0000 0001
0
0
1
Miscellaneous Commands
Read Manufacturer and Device ID
9Fh
1001 1111
0
0
1 to 4
Deep Power-Down
B9h
1011 1001
0
0
0
Resume from Deep Power-Down
ABh
1010 1011
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com