전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT45DB321D 데이터시트(PDF) 53 Page - ATMEL Corporation

부품명 AT45DB321D
상세설명  32-megabit 2.7-volt DataFlash
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D 데이터시트(HTML) 53 Page - ATMEL Corporation

Back Button AT45DB321D_08 Datasheet HTML 46Page - ATMEL Corporation AT45DB321D_08 Datasheet HTML 47Page - ATMEL Corporation AT45DB321D_08 Datasheet HTML 48Page - ATMEL Corporation AT45DB321D_08 Datasheet HTML 49Page - ATMEL Corporation AT45DB321D_08 Datasheet HTML 50Page - ATMEL Corporation AT45DB321D_08 Datasheet HTML 51Page - ATMEL Corporation AT45DB321D_08 Datasheet HTML 52Page - ATMEL Corporation AT45DB321D_08 Datasheet HTML 53Page - ATMEL Corporation AT45DB321D_08 Datasheet HTML 54Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
53
3597J–DFLASH–4/08
AT45DB321D
29. Errata
29.1
Chip Erase
29.1.1
Issue
In a certain percentage of units, the Chip Erase feature may not function correctly and may
adversely affect device operation. Therefore, it is recommended that the Chip Erase commands
(opcodes C7H, 94H, 80H, and 9AH) not be used.
29.1.2
Workaround
Use Block Erase (opcode 50H) as an alternative. The Block Erase function is not affected by the
Chip Erase issue.
29.1.3
Resolution
The Chip Erase feature may be fixed with a new revision of the device. Please contact Atmel for
the estimated availability of devices with the fix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54