전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VN02N012Y 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 VN02N012Y
상세설명  HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN02N012Y 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button VN02N012Y Datasheet HTML 3Page - STMicroelectronics VN02N012Y Datasheet HTML 4Page - STMicroelectronics VN02N012Y Datasheet HTML 5Page - STMicroelectronics VN02N012Y Datasheet HTML 6Page - STMicroelectronics VN02N012Y Datasheet HTML 7Page - STMicroelectronics VN02N012Y Datasheet HTML 8Page - STMicroelectronics VN02N012Y Datasheet HTML 9Page - STMicroelectronics VN02N012Y Datasheet HTML 10Page - STMicroelectronics VN02N012Y Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.8
0.189
C
1.37
0.054
D
2.4
2.8
0.094
0.110
D1
1.2
1.35
0.047
0.053
E
0.35
0.55
0.014
0.022
F
0.8
1.05
0.031
0.041
F1
1
1.4
0.039
0.055
G
3.2
3.4
3.6
0.126
0.134
0.142
G1
6.6
6.8
7
0.260
0.268
0.276
H2
10.4
0.409
H3
10.05
10.4
0.396
0.409
L
14.2
15
0.559
0.590
L1
5.7
6.2
0244
L2
14.6
15.2
0.598
L3
3.5
4.1
0.137
0.161
L5
2.6
3
0.102
0.118
L6
15.1
15.8
0.594
0.622
L7
6
6.6
0.236
0.260
Dia
3.65
3.85
0.144
0.152
P010F
Pentawatt (horizontal) MECHANICAL DATA
VN02N
9/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11