| 전자부품 데이터시트 검색엔진 |
|
AT89C51RD2-RDTUM 데이터시트(PDF) 32 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51RD2-RDTUM 데이터시트(HTML) 32 Page - ATMEL Corporation |
|
32 / 137 page ![]() 32 4235K–8051–05/08 AT89C51RD2/ED2 It is possible to use Timer 2 as a baud rate generator and a clock generator simultaneously. For this configuration, the baud rates and clock frequencies are not independent since both func- tions use the values in the RCAP2H and RCAP2L registers. Figure 12-2. Clock-out Mode C/T2 = 0 12.3 Registers Table 12-1. T2CON Register T2CON - Timer 2 Control Register (C8h) :6 EXF2 TR2 OVER- FLOW T2EX TH 2 (8-bit) TL2 (8-bit) TIMER 2 RCAP2H (8-bit) RCAP2L (8-bit) T2OE T2 FCLK PERIPH T2CON T2CON T2CON T2MOD INTERRUPT Q D Toggle EXEN2 7 6 5 4 3 2 1 0 TF2 EXF2 RCLK TCLK EXEN2 TR2 C/T2# CP/RL2# |