| 전자부품 데이터시트 검색엔진 |
|
VN05N 데이터시트(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VN05N 데이터시트(HTML) 9 Page - STMicroelectronics |
|
9 / 11 page ![]() DIM. mm inch MIN. TYP. MAX. MIN. TYP. MAX. A 4.8 0.189 C 1.37 0.054 D 2.4 2.8 0.094 0.110 D1 1.2 1.35 0.047 0.053 E 0.35 0.55 0.014 0.022 F 0.8 1.05 0.031 0.041 F1 1 1.4 0.039 0.055 G 3.2 3.4 3.6 0.126 0.134 0.142 G1 6.6 6.8 7 0.260 0.268 0.276 H2 10.4 0.409 H3 10.05 10.4 0.396 0.409 L 14.2 15 0.559 0.590 L1 5.7 6.2 0244 L2 14.6 15.2 0.598 L3 3.5 4.1 0.137 0.161 L5 2.6 3 0.102 0.118 L6 15.1 15.8 0.594 0.622 L7 6 6.6 0.236 0.260 Dia 3.65 3.85 0.144 0.152 P010F Pentawatt (horizontal) MECHANICAL DATA VN05N 9/11 |