전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2016L200PR 데이터시트(PDF) 4 Page - Littelfuse

부품명 2016L200PR
상세설명  POLYFUSE짰 Resettable PTCs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2016L200PR 데이터시트(HTML) 4 Page - Littelfuse

  2016L200PR Datasheet HTML 1Page - Littelfuse 2016L200PR Datasheet HTML 2Page - Littelfuse 2016L200PR Datasheet HTML 3Page - Littelfuse 2016L200PR Datasheet HTML 4Page - Littelfuse 2016L200PR Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Revised: October 24, 2008
©2008 Littelfuse, Inc.
POLYFUSE® Resettable PTCs
Surface Mount > 2016L Series
2016L Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/2016L.html for current information.
Part Ordering Number System
PACKAGING STYLE
SIZE
L: LITTELFUSE SURFACE MOUNT PPTC
I
HOLD CURRENT CODE (SEE TABLE BELOW)
/XX: SPECIAL VOLTAGE RATING (NOT APPLICABLE TO ALL PARTS)
QUANTITY CODE: D=1500 M=1000 P=2000
R: Tape & Reel
2016 L 100 /33 D R
SERIES
Packaging
Dimensions (mm)
C
Top
View
Pad
Layout
Side
View
Bottom
View
4.60 mm
(.181”)
3.40 mm
(.133”)
1.50 mm
(.059”)
D
MARKING CODE VARIES
WITH AMPERAGE AND VOLTAGE RATING
SEE ELECTRICAL CHARACTERISTICS CHART
SHOWN ARE:
- 1.1A/15V RATING (LEFT)
- 1.1A/33V RATING (RIGHT)
E
A
B
100
100
100
-33
Part Number
AB
C
D
E
Inches
mm
Inches
mm
Inches
mm
Inches mm
Inches
mm
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Min.
Min Max. Min. Max.
2016L030
0.19
0.21
4.72
5.44
0.15
0.17
3.7
4.43
0.03
0.05
0.75
1.25
0.01
0.30
0.01
0.03
0.25
0.65
2016L050
0.19
0.21
4.72
5.44
0.15
0.17
3.7
4.43
0.05
0.08
1.2
2
0.01
0.30
0.01
0.03
0.25
0.65
2016L100
0.19
0.21
4.72
5.44
0.15
0.17
3.7
4.43
0.02
0.03
0.5
0.75
0.01
0.30
0.01
0.03
0.25
0.65
2016L100/33
0.19
0.21
4.72
5.44
0.15
0.17
3.7
4.43
0.03
0.05
0.75
1.25
0.01
0.30
0.01
0.03
0.25
0.65
2016L150
0.19
0.21
4.72
5.44
0.15
0.17
3.7
4.43
0.03
0.06
0.75
1.55
0.01
0.30
0.01
0.03
0.25
0.65
2016L200
0.19
0.21
4.72
5.44
0.15
0.17
3.7
4.43
0.02
0.03
0.5
0.75
0.01
0.30
0.01
0.03
0.25
0.65
Part Number
Ordering Number
I
hold
(A)
I
hold Code
Voltage
Option
Packaging
Option
Quantity
Quantity &
Packaging Codes
2016L030
2016L030DR
0.30
030
Tape and Reel
1500
DR
2016L050
2016L050MR
0.55
050
Tape and Reel
1000
MR
2016L100
2016L100PR
1.10
110
Tape and Reel
2000
PR
2016L100/33
2016L100/33DR
1.10
110
/33
Tape and Reel
1500
DR
2016L150
2016L150DR
1.50
150
Tape and Reel
1500
DR
2016L200
2016L200PR
2.00
200
Tape and Reel
2000
PR



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com