전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL05 데이터시트(PDF) 6 Page - Semtech Corporation

부품명 SL05
상세설명  Low Capacitance TVS Diode For High Speed Data Interfaces
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SL05 데이터시트(HTML) 6 Page - Semtech Corporation

  SL05 Datasheet HTML 1Page - Semtech Corporation SL05 Datasheet HTML 2Page - Semtech Corporation SL05 Datasheet HTML 3Page - Semtech Corporation SL05 Datasheet HTML 4Page - Semtech Corporation SL05 Datasheet HTML 5Page - Semtech Corporation SL05 Datasheet HTML 6Page - Semtech Corporation SL05 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
 2004 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SL05 through SL24
Outline Drawing - SOT23 3L
Land Pattern - SOT23 3L
e
e1
D
E1
E
bxN
12
3
A1
A2
A
3X
A
bbb
C A B
B
C
SEATING PLANE
aaa C
1.40
1.20
N3
3
0
-
8°
0°
8°
0°
-
.055
.047
bbb
.008
0.20
aaa
.004
0.10
INCHES
.114
L1
E
D
b
e
c
.012
.003
.082
A1
DIM
A
MIN
.000
.035
0.51
0.18
2.64
0.30
0.08
2.10
.022
-
.075
-
.093
.020
.007
.104
(0.55)
1.90 BSC
-
-
2.37
2.90
MILLIMETERS
MAX
0.10
1.12
MIN
DIMENSIONS
0.01
MAX
NOM
-
-
.004
.044
NOM
0.89
-
-
3.04
2.80
.110
.120
e1
.037
0.95 BSC
L
.015 .020
0.50
0.40
.024
0.60
A2
.035 .037
0.95
0.88
.040
1.02
E1
.051
1.30
SEE DETAIL A
SIDE VIEW
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
-A-
-B-
2.
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
NOTES:
OR GATE BURRS.
DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
3.
1.
-H-
H
DETAIL A
0.25
C
SEATING
PLANE
GAUGE
PLANE
0
c
L
L1
REFERENCE IPC-SM-782A.
2.
E
.037
0.95
Y
Y
G
Z
C
E
X
E1
E1
.075
1.90
NOTES:
1. THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
DIM
Y
Z
G
X
C
MILLIMETERS
INCHES
(2.20)
.055
.141
.039
.031
(.087)
1.40
3.60
1.00
0.80
DIMENSIONS



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com