전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMS05C 데이터시트(PDF) 5 Page - Semtech Corporation

부품명 SMS05C
상세설명  TVS Diode Array For ESD and Latch-Up Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMS05C 데이터시트(HTML) 5 Page - Semtech Corporation

  SMS05C Datasheet HTML 1Page - Semtech Corporation SMS05C Datasheet HTML 2Page - Semtech Corporation SMS05C Datasheet HTML 3Page - Semtech Corporation SMS05C Datasheet HTML 4Page - Semtech Corporation SMS05C Datasheet HTML 5Page - Semtech Corporation SMS05C Datasheet HTML 6Page - Semtech Corporation SMS05C Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
 2004 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
SMS05C through SMS24C
SMSxxC Circuit Diagram
Protection of Five Unidirectional Lines
Device Connection for Protection of Five Data Lines
The SMSxxC is designed to protect up to five unidirec-
tional data lines. The device is connected as follows:
1. Unidirectional protection of five I/O lines is
achieved by connecting pins 1, 3, 4, 5 and 6 to the
data lines. Pin 2 is connected to ground. The
ground connection should be made directly to the
ground plane for best results. The path length is
kept as short as possible to reduce the effects of
parasitic inductance in the board traces.
Circuit Board Layout Recommendations for Suppres-
sion of ESD.
Good circuit board layout is critical for the suppression
of ESD induced transients. The following guidelines are
recommended:
Place the SMSxxC near the input terminals or
connectors to restrict transient coupling.
Minimize the path length between the SMSxxC and
the protected line.
Minimize all conductive loops including power and
ground loops.
The ESD transient return path to ground should be
kept as short as possible.
Never run critical signals near board edges.
Use ground planes whenever possible.
Applications Information



Html Pages

1 2 3 4 5 6 7