전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CMS4A16LAF 데이터시트(PDF) 17 Page - FIDELIX

부품명 CMS4A16LAF
상세설명  128M(8Mx16) Low Power SDRAM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FIDELIX [FIDELIX]
홈페이지  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMS4A16LAF 데이터시트(HTML) 17 Page - FIDELIX

Back Button CMS4A16LAF Datasheet HTML 13Page - FIDELIX CMS4A16LAF Datasheet HTML 14Page - FIDELIX CMS4A16LAF Datasheet HTML 15Page - FIDELIX CMS4A16LAF Datasheet HTML 16Page - FIDELIX CMS4A16LAF Datasheet HTML 17Page - FIDELIX CMS4A16LAF Datasheet HTML 18Page - FIDELIX CMS4A16LAF Datasheet HTML 19Page - FIDELIX CMS4A16LAF Datasheet HTML 20Page - FIDELIX CMS4A16LAF Datasheet HTML 21Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
Rev. 0.5, May. ‘07
CMS4A16LAx–75Ex
17
AC Characteristics
ns
80
tRFC
Auto Refresh Period
ns
8
3
tHZ
Data High Impedance Time[25.]
10
tCLKS2
ns
15
tRRD
Active Banka to Active Bankb Command
ns
20
tRP
Precharge Command Period
ns
160
tRFC(burst refresh)
Auto Refresh Period(in a burst)
ms
64
tREF
Refresh Period(4096 rows)
ns
20
tRCD
Active to Read/Write Delay
ns
80
tRC
Active to Active Command Period
ns
120000
48
tRAS
Active to Precharge Command
ns
1.0
tCMH
/CS, /RAS, /CAS, /WE, /DQM Hold Time to Clock
ns
2.0
tCMS
/CS, /RAS, /CAS, /WE, /DQM Setup Time to Clock
ns
1.0
tCDH
Data In Hold Time to Clock
ns
2.0
tCDS
Data In Setup Time to Clock
ns
2.5
tOH
Output Hold Time from Clock
ns
22
tAC(1)
CL=1
ns
8
tAC(2)
CL=2
ns
7
tAC(3)
CL=3
Clock Access Time[34, 35]
tCK
1
tBDL
Last data-in to burst STOP command[39.]
tCK
1
tDPL
Data-in to PRECHARGE command[42.]
ns
4
tDAL
Data-in to ACTIVE command[41.]
tCK
0
tDWD
WRITE command to input data delay[39.]
tCK
2
tDQZ
DQM to data high-impedance during READs[39.]
tCK
0
tDQM
DQM to data mask during WRITEs[39.]
tCK
0
tDQD
DQM to input data delay[39.]
tCK
1
tPED
CKE to clock enable or power-down exit setup mode[40.]
tCK
1
tCKED
CKE to clock disable or power-down entry mode[40.]
tCK
1
tCCD
READ/WRITE command to READ/WRITE command[39.]
ns
80
tXSR
Exit Self Refresh to Active Command[38.]
tCK
1tCK + 3ns
tWR
Write Recovery Time[37.]
ns
1.2
0.5
tT
Transition Time[36.]
ns
1.0
tCKH
CKE Hold Time to Clock
ns
2.0
tCKS
CKE Setup Time to Clock
ns
1.0
tCAH
Address Hold Time to Clock
ns
2.0
tCAS
Address Setup Time to Clock
ns
3
tCL
Clock Low Time
ns
3
tCH
Clock High Time
ns
7.5
tCLKS3
Clock Period[33.]
Max
Min
Parameter
Units
-75
Symbol
AC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com