전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT86RF231 데이터시트(PDF) 34 Page - ATMEL Corporation

부품명 AT86RF231
상세설명  Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF231 데이터시트(HTML) 34 Page - ATMEL Corporation

Back Button AT86RF231 Datasheet HTML 30Page - ATMEL Corporation AT86RF231 Datasheet HTML 31Page - ATMEL Corporation AT86RF231 Datasheet HTML 32Page - ATMEL Corporation AT86RF231 Datasheet HTML 33Page - ATMEL Corporation AT86RF231 Datasheet HTML 34Page - ATMEL Corporation AT86RF231 Datasheet HTML 35Page - ATMEL Corporation AT86RF231 Datasheet HTML 36Page - ATMEL Corporation AT86RF231 Datasheet HTML 37Page - ATMEL Corporation AT86RF231 Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 180 page
background image
34
8111A–AVR–05/08
AT86RF231
pin 8 (/RST). A successful state change can be verified by reading the radio transceiver status
from register 0x01 (TRX_STATUS).
If TRX_STATUS = 0x1F (STATE_TRANSITION_IN_PROGRESS) the AT86RF231 is on a state
transition. Do not try to initiate a further state change while the radio transceiver is in
STATE_TRANSITION_IN_PROGRESS.
Pin SLP_TR is a multifunctional pin, refer to Section 6.5 “Sleep/Wake-up and Transmit Signal
(SLP_TR)” on page 27. Dependent on the radio transceiver state, a rising edge of pin SLP_TR
causes the following state transitions:
Pin 8 (/RST) causes a reset of all registers (register bits CLKM_CTRL are shadowed, for details
refer to Section 9.6.4 “Master Clock Signal Output (CLKM)” on page 117) and forces the radio
transceiver into TRX_OFF state. However, if the device was in P_ON state it remains in the
P_ON state.
For all states except SLEEP, the state change commands FORCE_TRX_OFF or TRX_OFF lead
to a transition into TRX_OFF state. If the radio transceiver is in active receive or transmit states
(BUSY_*), the command FORCE_TRX_OFF interrupts these active processes, and forces an
immediate transition to TRX_OFF. In contrast a TRX_OFF command is stored until an active
state (receiving or transmitting) has been finished. After that the transition to TRX_OFF is
performed.
For a fast transition from receive or active transmit states to PLL_ON state the command
FORCE_PLL_ON is provided. In contrast to FORCE_TRX_OFF this command does not disable
the PLL and the analog voltage regulator AVREG. It is not available in states SLEEP, P_ON,
RESET, TRX_OFF, and all *_NOCLK states.
The completion of each requested state change shall always be confirmed by reading the regis-
ter bits TRX_STATUS (register 0x01, TRX_STATUS).
7.1.2
Basic Operating Mode Description
7.1.2.1
P_ON - Power-On after V
DD
When the external supply voltage (V
DD) is firstly applied to the AT86RF231, the radio transceiver
goes into the P_ON state performing an on-chip reset. The crystal oscillator is activated and the
default 1 MHz master clock is provided at pin 17 (CLKM) after the crystal oscillator has stabi-
lized. CLKM can be used as a clock source to the microcontroller. The SPI interface and digital
voltage regulator are enabled.
The on-chip power-on-reset sets all registers to their default values. A dedicated reset signal
from the microcontroller at pin 8 (/RST) is not necessary, but recommended for hardware / soft-
ware synchronization reasons.
•TRX_OFF
SLEEP
(level sensitive)
•RX_ON
RX_ON_NOCLK
(level sensitive)
• PLL_ON
BUSY_TX
Whereas the falling edge of pin SLP_TR causes the following state transitions:
• SLEEP
TRX_OFF
(level sensitive)
• RX_ON_NOCLK
RX_ON
(level sensitive)
⇒
⇒
⇒
⇒
⇒



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com