| 전자부품 데이터시트 검색엔진 |
|
STFLWARP20 데이터시트(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STFLWARP20 데이터시트(HTML) 26 Page - STMicroelectronics |
|
26 / 28 page ![]() Order Code Description Support ed Target Functionalities System Requirement STFLAFM10/SW WTA-FAMfor Building Rules BACK-FAM for Building MFs STFLWARP11/PG STFLWARP11/PL STFLWARP20/PL ANSI C MATLAB® Rules Minimizer Step-by-Step Simulation Simulation from File Local Tuning MS-DOS 3.1or higher Windows 3.0 or later 486, PENTIUM compatible 8 MB RAM Table 15. Ordering Information Learning Phases pattern file Fuzzy Logic knowledge base Simulation and Manual Tuning exporter to processor W.A.R.P. 1.1 W.A.R.P. 2.0 ANSI C MATLAB Rules extractor MFs tuning rules minimizer Figure 27. AFM Design Flow Adaptive Fuzzy Modeller Adaptive Fuzzy Modeller (AFM) is a tool that easily allows to obtain a model of a system based on Fuzzy Logic data structure, starting from the sam- pling of a process/function expressed in terms of Input\Output values pairs (patterns). Its primary capability is the automatic generation of a database containing the inference rules and the parameters describing the membership functions. The generated Fuzzy Logic knowledge base rep- resents an optimized approximation of the proc- ess/function provided as input. The AFM has the capability to translate its project files to FUZZYSTUDIO ™ project files, MAT- LAB and C code , in order to use this environment as a support for simulation and control . The block diagram illustrates the AFMdesign flow. SUPPORTED TARGETS The supported environment are: - W.A.R.P. 1.1 using FUZZYSTUDIO ™ 1.0 - W.A.R.P.2.0 using FUZZYSTUDIO ™ 2.0 - MATLAB - C Language - Fu.L.L. (Fuzzy Logic Language). SYSTEM REQUIREMENTS MS-DOS version 3.1or higher Microsoft Windows 3.0 or compatible later version 486, PENTIUM compatible processor chip 8 MBytes RAM (16 Mbytes recommended) Hard Disk with at least 1MBytes free space 26/28 W.A.R.P.2.0 |