전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ASOV5S3 데이터시트(PDF) 2 Page - Connor-Winfield Corporation

부품명 ASOV5S3
상세설명  CRYSTAL CONTROLLED OSCILLATORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CONNOR-WINFIELD [Connor-Winfield Corporation]
홈페이지  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

ASOV5S3 데이터시트(HTML) 2 Page - Connor-Winfield Corporation

  ASOV5S3 Datasheet HTML 1Page - Connor-Winfield Corporation ASOV5S3 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
2
2
Cx016
04
6/24/03
www.conwin.com
4.1Vdc
5.0Vdc
PIN FUNCTION
1
CONTROL VOLTAGE
7
GROUND (CASE)
8
OUTPUT
14
Vcc
90%
50%
10%
.330 max
(8.382mm)
.330 max
(8.382mm)
1
7
8
14
CONTROL
VOLTAGE
POWER
SUPPLY
ENVIRONMENTAL CHARACTERISTICS
Temperature Cycle: Per MIL-STD-883, Method 1010, Condition B. -55°C to 125°C, 20 cycles,10 minute dwell, 1m inute
transition.
SOLDERING
Pad Solderability: Per MIL-STD-883, Method 200. 8 hour steam age prior to 254°C ±5°C Solder pot dip, 95% Coverage.
Solder Reflow: The component solder internal to this device has a melt ing point of 221°C, the peak temperature inside the
device should be less than or equal to 220°C for a maximum of 10 seconds.
MECHANICAL CHARACTERISTICS
Vibration: Per MIL-STD-202, Method 204, Condition A. 10G’s peak, 10Hz to 500Hz, 15mi nute cycles 12 times each
perpendicular axis.
Shock: Per MIL-STD-202, Method 213, Condition D. 500G’s, 1ms, half sine, 3 shocks per direction.
Moisture Resistance: Per MIL-STD-202, Method 106. 95% RH @ 65°C, 10 cycles 10°C to 65°C.
Dimensional Tolerance:
±.005 (.127mm)
KEEP OUT AREA
.830
(21.08mm)
.565
(14.35mm)



Html Pages

1 2