전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HE10HWPR/09 데이터시트(PDF) 6 Page - Altech corporation

부품명 HE10HWPR/09
상세설명  FEED-THROUGH FLAT BASE EUROSTRIPS Panel Mount
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALTECH [Altech corporation]
홈페이지  http://www.altechcorp.com
Logo ALTECH - Altech corporation

HE10HWPR/09 데이터시트(HTML) 6 Page - Altech corporation

Back Button HE10HWPR/09 Datasheet HTML 2Page - Altech corporation HE10HWPR/09 Datasheet HTML 3Page - Altech corporation HE10HWPR/09 Datasheet HTML 4Page - Altech corporation HE10HWPR/09 Datasheet HTML 5Page - Altech corporation HE10HWPR/09 Datasheet HTML 6Page - Altech corporation HE10HWPR/09 Datasheet HTML 7Page - Altech corporation HE10HWPR/09 Datasheet HTML 8Page - Altech corporation HE10HWPR/09 Datasheet HTML 9Page - Altech corporation HE10HWPR/09 Datasheet HTML 10Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
15 mm
4.3/5.7 mm
8.5 mm
10-16 mm2
18-6 AWG
400 V
600 V
35-63 A
63 A
2.0 Nm
17.7 lb-in
Cat. No.
Std. Pk.
HE16HWPR/02
40
HE16HWPR/03
40
HE16HWPR/04
40
HE16HWPR/05
40
HE16HWPR/06
20
HE16HWPR/07
20
HE16HWPR/08
20
HE16HWPR/09
10
HE16HWPR/10
10
HE16HWPR/11
10
HE16HWPR/12
10
12 mm
4.2 mm
7 mm
4-6 mm2
20-10 AWG
400 V
600 V
16 A
40 A
0.8 Nm
7.0 lb-in
Cat. No.
Std. Pk.
HE6HWPR/02
100
HE6HWPR/03
100
HE6HWPR/04
100
HE6HWPR/05
100
HE6HWPR/06
50
HE6HWPR/07
50
HE6HWPR/08
50
HE6HWPR/09
50
HE6HWPR/10
25
HE6HWPR/11
25
HE6HWPR/12
25
HE6H
HE10H
Standoff feet with wire protector
Standoff feet with wire protector
Dimensions mm
A= 12.0
I= 9
B= M3.5
J= 9.6
C= 7.7
K= 13.9
D= 4.3
L= 140 (12 pole)
E= Ø4.2
M= 21.8
F= Ø6.3
N =
22.6
G = 12.0
O =
15
H= Ø4.1
Dimensions mm
A= 15.0
I= 10.7
B= M5
J= 11.3
C= 9.3
K= 17.5
D= 5.7
L= 175 (12 pole)
E= Ø4.3/5.7
M= 27.8
F= Ø8.2
N =
25.1
G = 15.0
O =
16
H= Ø5.6
15 mm
4.3/5.7 mm
8.5 mm
6-10 mm2
18-8 AWG
400 V
600 V
25 A
50 A
1.2 Nm
10.6 lb-in
Cat. No.
Std. Pk.
HE10HWPR/02
40
HE10HWPR/03
40
HE10HWPR/04
40
HE10HWPR/05
40
HE10HWPR/06
20
HE10HWPR/07
20
HE10HWPR/08
20
HE10HWPR/09
10
HE10HWPR/10
10
HE10HWPR/11
10
HE10HWPR/12
10
HE16H
Standoff feet with wire protector
Dimensions mm
A= 15.0
I= 10.7
B= M4
J= 11.3
C= 9.3
K= 17.5
D= 5.7
L= 175 (12 pole)
E= Ø4.3/5.7
M= 27.8
F= Ø8.2
N =
25.1
G = 15.0
O =
16
H= Ø5.0
85
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
E211022
E211022
E211022



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com