| 전자부품 데이터시트 검색엔진 |
|
FMMT596 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd |
|
|
|||||||||||||||||||||||||||||
FMMT596 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd |
|
1 / 2 page ![]() SMD Type Transistors 1 www.kexin.com.cn 0.4+0.1 -0.1 2.9+0.1 -0.1 0.95+0.1 -0.1 1.9+0.1 -0.1 1.Base 2.Emitter 3.collector 12 3 Unit: mm SOT-23 0.1+0.05 -0.01 High Voltage Transistor FMMT596 Features SOT23 PNP silicon planar Absolute Maximum Ratings Ta = 25 Parameter Symbol Rating Unit Collector-base voltage VCBO -220 V Collector-emitter voltage VCEO -200 V Emitter-base voltage VEBO -5 V Peak collector current ICM -1 A Collector current IC -0.3 A Base current IB -200 mA Power dissipation Ptot 500 mW Operating and storage temperature range Tj,Tstg -55to+150 |
유사한 부품 번호 - FMMT596 |
|
유사한 설명 - FMMT596 |