전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U210B-FP 데이터시트(PDF) 1 Page - TEMIC Semiconductors

부품명 U210B-FP
상세설명  Phase Control Circuit - Load Current Feedback Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEMIC [TEMIC Semiconductors]
홈페이지  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U210B-FP 데이터시트(HTML) 1 Page - TEMIC Semiconductors

  U210B-FP Datasheet HTML 1Page - TEMIC Semiconductors U210B-FP Datasheet HTML 2Page - TEMIC Semiconductors U210B-FP Datasheet HTML 3Page - TEMIC Semiconductors U210B-FP Datasheet HTML 4Page - TEMIC Semiconductors U210B-FP Datasheet HTML 5Page - TEMIC Semiconductors U210B-FP Datasheet HTML 6Page - TEMIC Semiconductors U210B-FP Datasheet HTML 7Page - TEMIC Semiconductors U210B-FP Datasheet HTML 8Page - TEMIC Semiconductors U210B-FP Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TELEFUNKEN Semiconductors
U 210 B / U 210 B–FP
1
Preliminary Information
Phase Control Circuit – Load Current Feedback Applications
Technology: Bipolar
Features
D Externally controlled integrated amplifier
D Variable soft start
D Automatic retriggering
D Voltage and current synchronisation
D Triggering pulse typ. 125 mA
D Internal supply voltage monitoring
D Temperature constant reference source
D Current requirement ≤ 3 mA
Case: DIP 14, SO 16
Figure 1 Block diagram


유사한 부품 번호 - U210B-FP

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
U210B ETC1-U210B Datasheet
188Kb / 1P
TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
logo
TEMIC Semiconductors
U210B TEMIC-U210B Datasheet
166Kb / 12P
Phase Control Circuit Load Current Feedback Applications
U210B1 TEMIC-U210B1 Datasheet
166Kb / 12P
Phase Control Circuit Load Current Feedback Applications
More results

유사한 설명 - U210B-FP

제조업체부품명데이터시트상세설명
logo
TEMIC Semiconductors
U2008B TEMIC-U2008B Datasheet
122Kb / 10P
Low Cost Current Feedback Phase Control Circuit
U2010B TEMIC-U2010B Datasheet
202Kb / 12P
Phase Control Circuit for Current Feedback
U209B3 TEMIC-U209B3 Datasheet
206Kb / 14P
Phase Control Circuit - Tacho Applications
U211B2 TEMIC-U211B2 Datasheet
322Kb / 20P
Phase Control Circuit - General Purpose Feedback
UAA145 TEMIC-UAA145 Datasheet
168Kb / 11P
Phase Control Circuit for Industrial Applications
logo
List of Unclassifed Man...
TDA2088 ETC1-TDA2088 Datasheet
276Kb / 3P
PHASE CONTROL INTEGRATED CURCUIT FOR CURRENT FEEDBACK APPLICATION
logo
Integral Corp.
IL2010B INTEGRAL-IL2010B Datasheet
274Kb / 7P
PHASE CONTROL CIRCUIT FOR CURRENT FEEDBACK
logo
TEMIC Semiconductors
U210B1 TEMIC-U210B1 Datasheet
166Kb / 12P
Phase Control Circuit Load Current Feedback Applications
logo
ATMEL Corporation
U2010B ATMEL-U2010B Datasheet
394Kb / 18P
Phase-control IC with Current Feedback and Overload Protection
logo
ARTSCHIP ELECTRONICS CO...
U2010B ARTSCHIP-U2010B Datasheet
3Mb / 11P
Phase Control Circuit for Current Feedback
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com