전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LT3464 데이터시트(PDF) 13 Page - Linear Technology

부품명 LT3464
상세설명  Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT?
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LT3464 데이터시트(HTML) 13 Page - Linear Technology

Back Button LT3464 Datasheet HTML 8Page - Linear Technology LT3464 Datasheet HTML 9Page - Linear Technology LT3464 Datasheet HTML 10Page - Linear Technology LT3464 Datasheet HTML 11Page - Linear Technology LT3464 Datasheet HTML 12Page - Linear Technology LT3464 Datasheet HTML 13Page - Linear Technology LT3464 Datasheet HTML 14Page - Linear Technology LT3464 Datasheet HTML 15Page - Linear Technology LT3464 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT3464
13
3464f
SHDN
CTRL
VIN
VIN
2.3V TO 10V
VOUT
20V
SW
GND
OFF ON
OUT
CAP
FB
LT3464
L1
22
µH
C4
1
µF
C4
0.1
µF
C2
0.33
µF
C3
0.22
µF
R2
4.53M
R1
300k
R1
301k
8
1
7
6
3
5
2
4
3464 TA06
C1: TAIYO YUDEN LMK107 BJ105MA-T
C2: TAIYO YUDEN GMK212 BJ334MG-T
C3: TAIYO YUDEN EMK107 BJ224MA-T
L1: MURATA LQH32CN220K
20V Output Converter with Output Disconnect
CTRL
SHDN
VIN
VIN
2.3V TO 10V
VOUT
20V
SW
GND
OUT
CAP
FB
LT3464
L1
47
µH
C1
1
µF
C2
0.33
µF
C3
0.22
µF
R2
4.53M
R1
301k
1
8
7
6
3
5
2
4
3464 TA05
C1: TAIYO YUDEN LMK107 BJ105MA-T
C2: TAIYO YUDEN GMK212 BJ334MG-T
C3: TAIYO YUDEN UMK212 BJ224MG
L1: MURATA LQH32CN470K
TYPICAL APPLICATIO S
VIN (V)
IOUT (mA)
3.6
6.0
5.0
9.0
8.4
16.5
20V Output Converter with Soft Start
VIN (V)
IOUT (mA)
3.6
5.0
5.0
6.5
8.4
11.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com