전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1075 데이터시트(PDF) 2 Page - Inchange Semiconductor Company Limited

부품명 2SA1075
상세설명  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1075 데이터시트(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SA1075 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA1075 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SA1075 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1075 2SA1076
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2SA1075
-120
V(BR)CEO
Collector-emitter
breakdown voltage
2SA1076
IC=-1mA ;RBE=∞
-160
V
2SA1075
-120
V(BR)CBO
Collector-base
breakdown voltage
2SA1076
IC=-50μA; IE=0
-160
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-50μA; IC=0
-7
V
VCEsat
Collector-emitter saturation voltage
IC=-5A;IB=-0.5A
-1.8
V
VBE
Base-emitter voltage
IC=-5A;VCE=-5V
-1.7
V
2SA1075
VCB=-120V; IE=0
ICBO
Collector cut-off current
2SA1076
VCB=-160V; IE=0
-50
μA
2SA1075
VCE=-120V; IB=0
ICEO
Collector cut-off current
2SA1076
VCE=-160V; IB=0
-1
mA
IEBO
Emitter cut-off current
VEB=-7V; IC=0
-50
μA
hFE-1
DC current gain
IC=-1A ; VCE=-5V
60
200
hFE-2
DC current gain
IC=-7A ; VCE=-5V
40
Cob
Output capacitance
IE=0 ; VCB=-10V
300
pF
fT
Transition frequency
IC=-1A ; VCE=-10V
60
MHz
Switching times
tr
Rise time
0.15
μs
ts
Storage time
0.50
μs
tf
Fall time
IC=-7.5A;RL=4Ω
IB1=-IB2=-0.75A
0.11
μs
2



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com