| 전자부품 데이터시트 검색엔진 |
|
AX2000-1CSG896 데이터시트(PDF) 143 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CSG896 데이터시트(HTML) 143 Page - Actel Corporation |
|
143 / 226 page ![]() Axcelerator Family FPGAs v2.7 3-37 676-Pin FBGA AX500 Function Pin Number Bank 0 IO00NB0F0 F8 IO00PB0F0 E8 IO01NB0F0 A5 IO01PB0F0 A4 IO02NB0F0 E7 IO02PB0F0 E6 IO03NB0F0 D6 IO03PB0F0 D5 IO04NB0F0 B5 IO04PB0F0 C5 IO05NB0F0 B6 IO05PB0F0 C6 IO06NB0F0 C7 IO06PB0F0 D7 IO07NB0F0 A7 IO07PB0F0 A6 IO08NB0F0 C8 IO08PB0F0 D8 IO09NB0F0 F10 IO09PB0F0 F9 IO10NB0F0 B8 IO10PB0F0 B7 IO11NB0F0 D10 IO11PB0F0 E10 IO12NB0F1 B9 IO12PB0F1 C9 IO13NB0F1 F11 IO13PB0F1 G11 IO14NB0F1 D11 IO14PB0F1 E11 IO15NB0F1 B10 IO15PB0F1 C10 IO16NB0F1 A10 IO16PB0F1 A9 IO17NB0F1 F12 IO17PB0F1 G12 IO18NB0F1 C12 IO18PB0F1 C11 IO19NB0F1/HCLKAN A12 IO19PB0F1/HCLKAP B12 IO20NB0F1/HCLKBN C13 IO20PB0F1/HCLKBP B13 Bank 1 IO21NB1F2/HCLKCN C15 IO21PB1F2/HCLKCP C14 IO22NB1F2/HCLKDN A15 IO22PB1F2/HCLKDP B15 IO23NB1F2 F15 IO23PB1F2 G15 IO24NB1F2 B16 IO24PB1F2 A16 IO25NB1F2 A18 IO25PB1F2 A17 IO26NB1F2 D16 IO26PB1F2 E16 IO27NB1F2 F16 IO27PB1F2 G16 IO28NB1F2 C18 IO28PB1F2 C17 IO29NB1F2 B19 IO29PB1F2 B18 IO30NB1F2 D19 IO30PB1F2 C19 IO31NB1F2 F17 IO31PB1F2 E17 IO32NB1F3 B20 IO32PB1F3 A20 IO33NB1F3 B22 IO33PB1F3 B21 IO34NB1F3 D20 IO34PB1F3 C20 IO35NB1F3 D21 IO35PB1F3 C21 IO36NB1F3 D22 IO36PB1F3 C22 IO37NB1F3 F19 IO37PB1F3 E19 676-Pin FBGA AX500 Function Pin Number IO38NB1F3 B23 IO38PB1F3 A23 IO39NB1F3 E21 IO39PB1F3 E20 IO40NB1F3 D23 IO40PB1F3 C23 IO41NB1F3 D25 IO41PB1F3 C25 Bank 2 IO42NB2F4 G24 IO42PB2F4 G23 IO43NB2F4 G26 IO43PB2F4 F26 IO44NB2F4 F25 IO44PB2F4 E25 IO45NB2F4 J21 IO45PB2F4 J22 IO46NB2F4 H25 IO46PB2F4 G25 IO47NB2F4 K23 IO47PB2F4 J23 IO48NB2F4 J24 IO48PB2F4 H24 IO49NB2F4 K21 IO49PB2F4 K22 IO50NB2F4 K25 IO50PB2F4 J25 IO51NB2F4 L20 IO51PB2F4 L21 IO52NB2F5 K26 IO52PB2F5 J26 IO53NB2F5 L23 IO53PB2F5 L22 IO54NB2F5 L24 IO54PB2F5 K24 IO55NB2F5 M20 IO55PB2F5 M21 IO56NB2F5 L26 IO56PB2F5 L25 676-Pin FBGA AX500 Function Pin Number |