| 전자부품 데이터시트 검색엔진 |
|
AX2000-1CSG896 데이터시트(PDF) 144 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CSG896 데이터시트(HTML) 144 Page - Actel Corporation |
|
144 / 226 page ![]() Axcelerator Family FPGAs 3- 38 v2.7 IO57NB2F5 M23 IO57PB2F5 M22 IO58NB2F5 M26 IO58PB2F5 M25 IO59NB2F5 N22 IO59PB2F5 N23 IO60NB2F5 N24 IO60PB2F5 M24 IO61NB2F5 N20 IO61PB2F5 N21 IO62NB2F5 P25 IO62PB2F5 N25 Bank 3 IO63NB3F6 T26 IO63PB3F6 R26 IO64NB3F6 R24 IO64PB3F6 P24 IO65NB3F6 P20 IO65PB3F6 P21 IO66NB3F6 T25 IO66PB3F6 R25 IO67NB3F6 T23 IO67PB3F6 R23 IO68NB3F6 V26 IO68PB3F6 U26 IO69NB3F6 V25 IO69PB3F6 U25 IO70NB3F6 Y25 IO70PB3F6 W25 IO71NB3F6 W24 IO71PB3F6 V24 IO72NB3F6 V23 IO72PB3F6 U23 IO73NB3F6 T21 IO73PB3F6 T20 IO74NB3F7 AA26 IO74PB3F7 Y26 IO75NB3F7 AA24 IO75PB3F7 Y24 676-Pin FBGA AX500 Function Pin Number IO76NB3F7 Y23 IO76PB3F7 W23 IO77NB3F7 V21 IO77PB3F7 U21 IO78NB3F7 AB25 IO78PB3F7 AA25 IO79NB3F7 AC26 IO79PB3F7 AB26 IO80NB3F7 AC24 IO80PB3F7 AB24 IO81NB3F7 AB23 IO81PB3F7 AA23 IO82NB3F7 AA22 IO82PB3F7 Y22 IO83NB3F7 AE26 IO83PB3F7 AD26 Bank 4 IO84NB4F8 AB21 IO84PB4F8 AA21 IO85NB4F8 AE23 IO85PB4F8 AE24 IO86NB4F8 AC21 IO86PB4F8 AC22 IO87NB4F8 AF22 IO87PB4F8 AF23 IO88NB4F8 AD22 IO88PB4F8 AD23 IO89NB4F8 AC19 IO89PB4F8 AC20 IO90NB4F8 AE21 IO90PB4F8 AE22 IO91NB4F8 AA17 IO91PB4F8 AA18 IO92NB4F8 AD20 IO92PB4F8 AD21 IO93NB4F8 AF20 IO93PB4F8 AF21 IO94NB4F9 AE19 IO94PB4F9 AE20 676-Pin FBGA AX500 Function Pin Number IO95NB4F9 AC17 IO95PB4F9 AC18 IO96NB4F9 AD18 IO96PB4F9 AD19 IO97NB4F9 AA16 IO97PB4F9 Y16 IO98NB4F9 AE17 IO98PB4F9 AE18 IO99NB4F9 AC16 IO99PB4F9 AB16 IO100NB4F9 AF17 IO100PB4F9 AF18 IO101NB4F9 AA15 IO101PB4F9 Y15 IO102NB4F9 AC15 IO102PB4F9 AB15 IO103NB4F9/CLKEN AE16 IO103PB4F9/CLKEP AF16 IO104NB4F9/CLKFN AE14 IO104PB4F9/CLKFP AE15 Bank 5 IO105NB5F10/CLKGN AE12 IO105PB5F10/CLKGP AE13 IO106NB5F10/CLKHN AE11 IO106PB5F10/CLKHP AF11 IO107NB5F10 Y12 IO107PB5F10 AA13 IO108NB5F10 AC12 IO108PB5F10 AB12 IO109NB5F10 AC10 IO109PB5F10 AC11 IO110NB5F10 AF9 IO110PB5F10 AF10 IO111NB5F10 Y11 IO111PB5F10 AA12 IO112NB5F10 AE9 IO112PB5F10 AE10 IO113NB5F10 AC9 IO113PB5F10 AD9 676-Pin FBGA AX500 Function Pin Number |