전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX2000-1CSG896 데이터시트(PDF) 156 Page - Actel Corporation

부품명 AX2000-1CSG896
상세설명  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896 데이터시트(HTML) 156 Page - Actel Corporation

Back Button AX2000-1CSG896 Datasheet HTML 152Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 153Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 154Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 155Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 156Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 157Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 158Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 159Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 160Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 226 page
background image
Axcelerator Family FPGAs
3- 50
v2.7
896-Pin FBGA
AX1000 Function
Pin Number
Bank 0
IO00NB0F0
D6
IO00PB0F0
E6
IO01NB0F0
A5
IO01PB0F0
B5
IO02NB0F0
G9
IO02PB0F0
G8
IO03NB0F0
F8
IO03PB0F0
F7
IO04NB0F0
D7
IO04PB0F0
E7
IO05NB0F0
C7
IO05PB0F0
C6
IO06NB0F0
H9
IO06PB0F0
H8
IO07NB0F0
D8
IO07PB0F0
E8
IO08NB0F0
E9
IO08PB0F0
F9
IO09NB0F0
A7
IO09PB0F0
B7
IO10NB0F0
H10
IO10PB0F0
G10
IO11NB0F0
C9
IO11PB0F0
C8
IO12NB0F1
E10
IO12PB0F1
F10
IO13NB0F1
D10
IO13PB0F1
D9
IO14NB0F1
F11
IO14PB0F1
G11
IO15NB0F1
A10
IO15PB0F1
A9
IO16NB0F1
H12
IO16PB0F1
H11
IO17NB0F1
B11
IO17PB0F1
B10
IO18NB0F1
D11
IO18PB0F1
E11
IO19NB0F1
C12
IO19PB0F1
C11
IO20NB0F1
F12
IO20PB0F1
G12
IO21NB0F1
D12
IO21PB0F1
E12
IO22NB0F2
H13
IO22PB0F2
J13
IO23NB0F2
A12
IO23PB0F2
A11
IO24NB0F2
F13
IO24PB0F2
G13
IO25NB0F2
B13
IO25PB0F2
B12
IO26NB0F2
E14
IO26PB0F2
E13
IO27NB0F2
B14
IO27PB0F2
A14
IO28NB0F2
H14
IO28PB0F2
J14
IO29NB0F2
B15
IO29PB0F2
A15
IO30NB0F2/HCLKAN
C14
IO30PB0F2/HCLKAP
D14
IO31NB0F2/HCLKBN
E15
IO31PB0F2/HCLKBP
D15
Bank 1
IO32NB1F3/HCLKCN
E17
IO32PB1F3/HCLKCP
E16
IO33NB1F3/HCLKDN
C17
IO33PB1F3/HCLKDP
D17
IO34NB1F3
A17
IO34PB1F3
B17
IO35NB1F3
D18
IO35PB1F3
C18
IO36NB1F3
H17
IO36PB1F3
J17
896-Pin FBGA
AX1000 Function
Pin Number
IO37NB1F3
B19
IO37PB1F3
A19
IO38NB1F3
H18
IO38PB1F3
J18
IO39NB1F3
B20
IO39PB1F3
A20
IO40NB1F3
C20
IO40PB1F3
C19
IO41NB1F4
E20
IO41PB1F4
E19
IO42NB1F4
F18
IO42PB1F4
G18
IO43NB1F4
A22
IO43PB1F4
A21
IO44NB1F4
F20
IO44PB1F4
F19
IO45NB1F4
D21
IO45PB1F4
D20
IO46NB1F4
D22
IO46PB1F4
C22
IO47NB1F4
A25
IO47PB1F4
A24
IO48NB1F4
H19
IO48PB1F4
G19
IO49NB1F4
C24
IO49PB1F4
C23
IO50NB1F4
G20
IO50PB1F4
H20
IO51NB1F4
F21
IO51PB1F4
E21
IO52NB1F4
F22
IO52PB1F4
E22
IO53NB1F4
B25
IO53PB1F4
B24
IO54NB1F5
D24
IO54PB1F5
D23
IO55NB1F5
F23
IO55PB1F5
E23
896-Pin FBGA
AX1000 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More