| 전자부품 데이터시트 검색엔진 |
|
AX2000-1CSG896 데이터시트(PDF) 157 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CSG896 데이터시트(HTML) 157 Page - Actel Corporation |
|
157 / 226 page ![]() Axcelerator Family FPGAs v2.7 3-51 IO56NB1F5 H21 IO56PB1F5 G21 IO57NB1F5 D25 IO57PB1F5 C25 IO58NB1F5 F24 IO58PB1F5 E24 IO59NB1F5 D26 IO59PB1F5 C26 IO60NB1F5 G23 IO60PB1F5 G22 IO61NB1F5 B27 IO61PB1F5 A27 IO62NB1F5 F25 IO62PB1F5 E25 IO63NB1F5 H23 IO63PB1F5 H22 Bank 2 IO64NB2F6 K23 IO64PB2F6 J23 IO65NB2F6 J24 IO65PB2F6 H24 IO66NB2F6 H26 IO66PB2F6 H25 IO67NB2F6 G26 IO67PB2F6 G25 IO68NB2F6 K25 IO68PB2F6 K24 IO69NB2F6 F27 IO69PB2F6 E27 IO70NB2F6 J26 IO70PB2F6 J25 IO71NB2F6 H27 IO71PB2F6 G27 IO72NB2F6 J28 IO72PB2F6 H28 IO73NB2F6 G28 IO73PB2F6 F28 IO74NB2F7 L23 896-Pin FBGA AX1000 Function Pin Number IO74PB2F7 L24 IO75NB2F7 L26 IO75PB2F7 K26 IO76NB2F7 M25 IO76PB2F7 L25 IO77NB2F7 K27 IO77PB2F7 J27 IO78NB2F7 M27 IO78PB2F7 L27 IO79NB2F7 K30 IO79PB2F7 K29 IO80NB2F7 M23 IO80PB2F7 M24 IO81NB2F7 M28 IO81PB2F7 L28 IO82NB2F7 N26 IO82PB2F7 M26 IO83NB2F7 N25 IO83PB2F7 N24 IO84NB2F7 N22 IO84PB2F7 N23 IO85NB2F8 M29 IO85PB2F8 L29 IO86NB2F8 N28 IO86PB2F8 N27 IO87NB2F8 P29 IO87PB2F8 P30 IO88NB2F8 P25 IO88PB2F8 P24 IO89NB2F8 P28 IO89PB2F8 P27 IO90NB2F8 P22 IO90PB2F8 P23 IO91NB2F8 R26 IO91PB2F8 P26 IO92NB2F8 R24 IO92PB2F8 R25 IO93NB2F8 R29 896-Pin FBGA AX1000 Function Pin Number IO93PB2F8 R30 IO94NB2F8 R22 IO94PB2F8 R23 IO95NB2F8 T27 IO95PB2F8 R27 Bank 3 IO96NB3F9 T29 IO96PB3F9 T30 IO97NB3F9 U29 IO97PB3F9 U30 IO98NB3F9 T22 IO98PB3F9 T23 IO99NB3F9 U26 IO99PB3F9 T26 IO100NB3F9 U24 IO100PB3F9 T24 IO101NB3F9 V28 IO101PB3F9 U28 IO102NB3F9 U23 IO102PB3F9 U22 IO103NB3F9 V27 IO103PB3F9 U27 IO104NB3F9 W29 IO104PB3F9 V29 IO105NB3F9 Y28 IO105PB3F9 W28 IO106NB3F9 V25 IO106PB3F9 U25 IO107NB3F10 W26 IO107PB3F10 V26 IO108NB3F10 W24 IO108PB3F10 V24 IO109NB3F10 Y27 IO109PB3F10 W27 IO110NB3F10 V23 IO110PB3F10 V22 IO111NB3F10 AA29 IO111PB3F10 Y29 896-Pin FBGA AX1000 Function Pin Number |