전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX2000-1CS896 데이터시트(PDF) 145 Page - Actel Corporation

부품명 AX2000-1CS896
상세설명  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896 데이터시트(HTML) 145 Page - Actel Corporation

Back Button AX2000-1CS896 Datasheet HTML 141Page - Actel Corporation AX2000-1CS896 Datasheet HTML 142Page - Actel Corporation AX2000-1CS896 Datasheet HTML 143Page - Actel Corporation AX2000-1CS896 Datasheet HTML 144Page - Actel Corporation AX2000-1CS896 Datasheet HTML 145Page - Actel Corporation AX2000-1CS896 Datasheet HTML 146Page - Actel Corporation AX2000-1CS896 Datasheet HTML 147Page - Actel Corporation AX2000-1CS896 Datasheet HTML 148Page - Actel Corporation AX2000-1CS896 Datasheet HTML 149Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 226 page
background image
Axcelerator Family FPGAs
v2.7
3-39
IO114NB5F11
AF6
IO114PB5F11
AF7
IO115NB5F11
AA10
IO115PB5F11
AB10
IO116NB5F11
AE7
IO116PB5F11
AE8
IO117NB5F11
AD7
IO117PB5F11
AD8
IO118NB5F11
AC7
IO118PB5F11
AC8
IO119NB5F11
AD6
IO119PB5F11
AE6
IO120NB5F11
AE5
IO120PB5F11
AF5
IO121NB5F11
AF4
IO121PB5F11
AE4
IO122NB5F11
AC5
IO122PB5F11
AC6
IO123NB5F11
AD4
IO123PB5F11
AD5
IO124NB5F11
AB6
IO124PB5F11
AB7
IO125NB5F11
AE3
IO125PB5F11
AF3
Bank 6
IO126NB6F12
AB3
IO126PB6F12
AC3
IO127NB6F12
AA2
IO127PB6F12
AB2
IO128NB6F12
AC2
IO128PB6F12
AD2
IO129NB6F12
Y1
IO129PB6F12
AA1
IO130NB6F12
Y3
IO130PB6F12
AA3
IO131NB6F12
U6
IO131PB6F12
V6
IO132NB6F12
W2
IO132PB6F12
Y2
676-Pin FBGA
AX500 Function
Pin Number
IO133NB6F12
V4
IO133PB6F12
W4
IO134NB6F12
V3
IO134PB6F12
W3
IO135NB6F12
V1
IO135PB6F12
V2
IO136NB6F13
U4
IO136PB6F13
U5
IO137NB6F13
T6
IO137PB6F13
T7
IO138NB6F13
T5
IO138PB6F13
T4
IO139NB6F13
R6
IO139PB6F13
R7
IO140NB6F13
T3
IO140PB6F13
U3
IO141NB6F13
U1
IO141PB6F13
U2
IO142NB6F13
R2
IO142PB6F13
T2
IO143NB6F13
P3
IO143PB6F13
R3
IO144NB6F13
P5
IO144PB6F13
P4
IO145NB6F13
P6
IO145PB6F13
P7
IO146NB6F13
R1
IO146PB6F13
T1
Bank 7
IO147NB7F14
N6
IO147PB7F14
N7
IO148NB7F14
N5
IO148PB7F14
N4
IO149NB7F14
N2
IO149PB7F14
N3
IO150NB7F14
L1
IO150PB7F14
M1
IO151NB7F14
M2
IO151PB7F14
M3
676-Pin FBGA
AX500 Function
Pin Number
IO152NB7F14
M5
IO152PB7F14
M4
IO153NB7F14
M7
IO153PB7F14
M6
IO154NB7F14
K2
IO154PB7F14
L2
IO155NB7F14
K3
IO155PB7F14
L3
IO156NB7F14
L5
IO156PB7F14
L4
IO157NB7F14
L6
IO157PB7F14
L7
IO158NB7F15
J1
IO158PB7F15
K1
IO159NB7F15
J4
IO159PB7F15
K4
IO160NB7F15
H2
IO160PB7F15
J2
IO161NB7F15
K6
IO161PB7F15
K5
IO162NB7F15
H3
IO162PB7F15
J3
IO163NB7F15
G2
IO163PB7F15
G1
IO164NB7F15
G4
IO164PB7F15
H4
IO165NB7F15
F3
IO165PB7F15
G3
IO166NB7F15
E2
IO166PB7F15
F2
IO167NB7F15
F5
IO167PB7F15
G5
Dedicated I/O
GND
A1
GND
A13
GND
A14
GND
A19
GND
A26
GND
A8
676-Pin FBGA
AX500 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More