전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX2000-1CS896 데이터시트(PDF) 149 Page - Actel Corporation

부품명 AX2000-1CS896
상세설명  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896 데이터시트(HTML) 149 Page - Actel Corporation

Back Button AX2000-1CS896 Datasheet HTML 145Page - Actel Corporation AX2000-1CS896 Datasheet HTML 146Page - Actel Corporation AX2000-1CS896 Datasheet HTML 147Page - Actel Corporation AX2000-1CS896 Datasheet HTML 148Page - Actel Corporation AX2000-1CS896 Datasheet HTML 149Page - Actel Corporation AX2000-1CS896 Datasheet HTML 150Page - Actel Corporation AX2000-1CS896 Datasheet HTML 151Page - Actel Corporation AX2000-1CS896 Datasheet HTML 152Page - Actel Corporation AX2000-1CS896 Datasheet HTML 153Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 226 page
background image
Axcelerator Family FPGAs
v2.7
3-43
676-Pin FBGA
AX1000 Function
Pin Number
Bank 0
IO00NB0F0
B4
IO00PB0F0
C4
IO02NB0F0
E7
IO02PB0F0
E6
IO03NB0F0
D6
IO03PB0F0
D5
IO04NB0F0
B5
IO04PB0F0
C5
IO05NB0F0
A5
IO05PB0F0
A4
IO06NB0F0
F7
IO06PB0F0
F6
IO07NB0F0
B6
IO07PB0F0
C6
IO08NB0F0
C7
IO08PB0F0
D7
IO10NB0F0
F8
IO10PB0F0
E8
IO11NB0F0
A7
IO11PB0F0
A6
IO12NB0F1
C8
IO12PB0F1
D8
IO13NB0F1
B8
IO13PB0F1
B7
IO14NB0F1
D9
IO14PB0F1
E9
IO16NB0F1
F10
IO16PB0F1
F9
IO18NB0F1
B9
IO18PB0F1
C9
IO19NB0F1
A10
IO19PB0F1
A9
IO20NB0F1
D10
IO20PB0F1
E10
IO21NB0F1
B10
IO21PB0F1
C10
IO22NB0F2
F11
IO22PB0F2
G11
IO24NB0F2
D11
IO24PB0F2
E11
IO26NB0F2
C12
IO26PB0F2
C11
IO28NB0F2
F12
IO28PB0F2
G12
IO30NB0F2/HCLKAN
A12
IO30PB0F2/HCLKAP
B12
IO31NB0F2/HCLKBN
C13
IO31PB0F2/HCLKBP
B13
Bank 1
IO32NB1F3/HCLKCN
C15
IO32PB1F3/HCLKCP
C14
IO33NB1F3/HCLKDN
A15
IO33PB1F3/HCLKDP
B15
IO35NB1F3
B16
IO35PB1F3
A16
IO36NB1F3
F15
IO36PB1F3
G15
IO38NB1F3
F16
IO38PB1F3
G16
IO40NB1F3
A18
IO40PB1F3
A17
IO41NB1F4
C18
IO41PB1F4
C17
IO42NB1F4
D16
IO42PB1F4
E16
IO44NB1F4
D18
IO44PB1F4
D17
IO45NB1F4
B19
IO45PB1F4
B18
IO46NB1F4
B20
IO46PB1F4
A20
IO48NB1F4
F17
IO48PB1F4
E17
IO49NB1F4
A22
IO49PB1F4
A21
IO50NB1F4
E18
IO50PB1F4
F18
676-Pin FBGA
AX1000 Function
Pin Number
IO51NB1F4
D19
IO51PB1F4
C19
IO52NB1F4
D20
IO52PB1F4
C20
IO54NB1F5
B22
IO54PB1F5
B21
IO55NB1F5
D21
IO55PB1F5
C21
IO56NB1F5
F19
IO56PB1F5
E19
IO57NB1F5
B23
IO57PB1F5
A23
IO58NB1F5
D22
IO58PB1F5
C22
IO59NB1F5
B24
IO59PB1F5
A24
IO60NB1F5
E21
IO60PB1F5
E20
IO62NB1F5
D23
IO62PB1F5
C23
IO63NB1F5
F21
IO63PB1F5
F20
Bank 2
IO64NB2F6
H21
IO64PB2F6
G21
IO65NB2F6
G22
IO65PB2F6
F22
IO66NB2F6
F24
IO66PB2F6
F23
IO67NB2F6
E24
IO67PB2F6
E23
IO68NB2F6
H23
IO68PB2F6
H22
IO69NB2F6
D25
IO69PB2F6
C25
IO70NB2F6
G24
IO70PB2F6
G23
IO71NB2F6
F25
IO71PB2F6
E25
676-Pin FBGA
AX1000 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More