| 전자부품 데이터시트 검색엔진 |
|
AX2000-1CSG896PP 데이터시트(PDF) 150 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CSG896PP 데이터시트(HTML) 150 Page - Actel Corporation |
|
150 / 226 page ![]() Axcelerator Family FPGAs 3- 44 v2.7 IO72NB2F6 G26 IO72PB2F6 F26 IO73NB2F6 E26 IO73PB2F6 D26 IO74NB2F7 J21 IO74PB2F7 J22 IO75NB2F7 J24 IO75PB2F7 H24 IO76NB2F7 K23 IO76PB2F7 J23 IO77NB2F7 H25 IO77PB2F7 G25 IO78NB2F7 K25 IO78PB2F7 J25 IO80NB2F7 K21 IO80PB2F7 K22 IO81NB2F7 K26 IO81PB2F7 J26 IO82NB2F7 L24 IO82PB2F7 K24 IO83NB2F7 L23 IO83PB2F7 L22 IO84NB2F7 L20 IO84PB2F7 L21 IO86NB2F8 L26 IO86PB2F8 L25 IO88NB2F8 M23 IO88PB2F8 M22 IO89NB2F8 M26 IO89PB2F8 M25 IO90NB2F8 M20 IO90PB2F8 M21 IO91NB2F8 N24 IO91PB2F8 M24 IO92NB2F8 N22 IO92PB2F8 N23 IO94NB2F8 N20 IO94PB2F8 N21 IO95NB2F8 P25 676-Pin FBGA AX1000 Function Pin Number IO95PB2F8 N25 Bank 3 IO98NB3F9 P20 IO98PB3F9 P21 IO99NB3F9 R24 IO99PB3F9 P24 IO100NB3F9 R22 IO100PB3F9 P22 IO101NB3F9 T26 IO101PB3F9 R26 IO102NB3F9 R21 IO102PB3F9 R20 IO103NB3F9 T25 IO103PB3F9 R25 IO105NB3F9 V26 IO105PB3F9 U26 IO106NB3F9 T23 IO106PB3F9 R23 IO107NB3F10 U24 IO107PB3F10 T24 IO108NB3F10 U22 IO108PB3F10 T22 IO109NB3F10 V25 IO109PB3F10 U25 IO110NB3F10 T21 IO110PB3F10 T20 IO112NB3F10 V23 IO112PB3F10 U23 IO113NB3F10 Y25 IO113PB3F10 W25 IO114NB3F10 V21 IO114PB3F10 U21 IO115NB3F10 W24 IO115PB3F10 V24 IO116NB3F10 AA26 IO116PB3F10 Y26 IO118NB3F11 AC26 IO118PB3F11 AB26 IO119NB3F11 AB25 676-Pin FBGA AX1000 Function Pin Number IO119PB3F11 AA25 IO120NB3F11 W22 IO120PB3F11 V22 IO121NB3F11 Y23 IO121PB3F11 W23 IO122NB3F11 AA24 IO122PB3F11 Y24 IO123NB3F11 AE26 IO123PB3F11 AD26 IO124NB3F11 Y21 IO124PB3F11 W21 IO125NB3F11 AD25 IO125PB3F11 AC25 IO126NB3F11 AB23 IO126PB3F11 AA23 IO127NB3F11 AC24 IO127PB3F11 AB24 IO128NB3F11 AA22 IO128PB3F11 Y22 Bank 4 IO129NB4F12 AB21 IO129PB4F12 AA21 IO131NB4F12 AD22 IO131PB4F12 AD23 IO132NB4F12 AE23 IO132PB4F12 AE24 IO133NB4F12 AB20 IO133PB4F12 AA20 IO134NB4F12 AC21 IO134PB4F12 AC22 IO135NB4F12 AF22 IO135PB4F12 AF23 IO137NB4F12 AB19 IO137PB4F12 AA19 IO139NB4F13 AC19 IO139PB4F13 AC20 IO140NB4F13 AE21 IO140PB4F13 AE22 IO141NB4F13 AD20 676-Pin FBGA AX1000 Function Pin Number |