| 전자부품 데이터시트 검색엔진 |
|
AX2000-1CSG896PP 데이터시트(PDF) 152 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CSG896PP 데이터시트(HTML) 152 Page - Actel Corporation |
|
152 / 226 page ![]() Axcelerator Family FPGAs 3- 46 v2.7 IO212NB6F19 V1 IO212PB6F19 V2 IO213NB6F19 T5 IO213PB6F19 T4 IO214NB6F20 U1 IO214PB6F20 U2 IO215NB6F20 R6 IO215PB6F20 R7 IO217NB6F20 R5 IO217PB6F20 R4 IO218NB6F20 R2 IO218PB6F20 T2 IO219NB6F20 P3 IO219PB6F20 R3 IO220NB6F20 R1 IO220PB6F20 T1 IO221NB6F20 P6 IO221PB6F20 P7 IO223NB6F20 P5 IO223PB6F20 P4 Bank 7 IO225NB7F21 N5 IO225PB7F21 N4 IO226NB7F21 N2 IO226PB7F21 N3 IO227NB7F21 N6 IO227PB7F21 N7 IO229NB7F21 M7 IO229PB7F21 M6 IO231NB7F21 M5 IO231PB7F21 M4 IO232NB7F21 L1 IO232PB7F21 M1 IO233NB7F21 M2 IO233PB7F21 M3 IO235NB7F21 K2 IO235PB7F21 L2 IO236NB7F22 L5 IO236PB7F22 L4 676-Pin FBGA AX1000 Function Pin Number IO237NB7F22 L6 IO237PB7F22 L7 IO238NB7F22 K3 IO238PB7F22 L3 IO240NB7F22 J1 IO240PB7F22 K1 IO241NB7F22 K6 IO241PB7F22 K5 IO242NB7F22 H2 IO242PB7F22 J2 IO243NB7F22 J4 IO243PB7F22 K4 IO244NB7F22 H3 IO244PB7F22 J3 IO245NB7F22 G2 IO245PB7F22 G1 IO247NB7F23 J6 IO247PB7F23 J5 IO248NB7F23 E1 IO248PB7F23 F1 IO249NB7F23 E2 IO249PB7F23 F2 IO250NB7F23 G4 IO250PB7F23 H4 IO251NB7F23 F3 IO251PB7F23 G3 IO253NB7F23 H6 IO253PB7F23 H5 IO254NB7F23 D2 IO254PB7F23 D1 IO255NB7F23 E4 IO255PB7F23 F4 IO256NB7F23 D3 IO256PB7F23 E3 IO257NB7F23 F5 IO257PB7F23 G5 Dedicated I/O GND A1 GND A13 676-Pin FBGA AX1000 Function Pin Number GND A14 GND A19 GND A26 GND A8 GND AC23 GND AC4 GND AD24 GND AD3 GND AE2 GND AE25 GND AF1 GND AF13 GND AF14 GND AF19 GND AF26 GND AF8 GND B2 GND B25 GND B26 GND C24 GND C3 GND G20 GND G7 GND H1 GND H19 GND H26 GND H8 GND J18 GND J9 GND K10 GND K11 GND K12 GND K13 GND K14 GND K15 GND K16 GND K17 GND L10 GND L11 676-Pin FBGA AX1000 Function Pin Number |