| 전자부품 데이터시트 검색엔진 |
|
AX2000-1CSG896PP 데이터시트(PDF) 167 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CSG896PP 데이터시트(HTML) 167 Page - Actel Corporation |
|
167 / 226 page ![]() Axcelerator Family FPGAs v2.7 3-61 IO175PB4F16 AK27 IO176NB4F16 AE23 IO176PB4F16 AE24 IO177NB4F16 AH24 IO177PB4F16 AH25 IO178NB4F16 AD23 IO178PB4F16 AC23 IO179PB4F16 AJ27 IO180NB4F16 AG23 IO180PB4F16 AG24 IO181NB4F17 AK24 IO181PB4F17 AK25 IO182NB4F17 AD22 IO182PB4F17 AC22 IO183NB4F17 AF22 IO183PB4F17 AF23 IO184NB4F17 AE21 IO184PB4F17 AE22 IO185NB4F17 AJ23 IO185PB4F17 AJ24 IO187NB4F17 AH22 IO187PB4F17 AH23 IO188NB4F17 AD21 IO188PB4F17 AC21 IO189PB4F17 AK22 IO190NB4F17 AF20 IO190PB4F17 AF21 IO191NB4F17 AG21 IO191PB4F17 AG22 IO192NB4F17 AE19 IO192PB4F17 AE20 IO195NB4F18 AK21 IO195PB4F18 AJ21 IO196NB4F18 AD19 896-Pin FBGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. IO196PB4F18 AD20 IO197NB4F18 AJ20 IO197PB4F18 AK20 IO198NB4F18 AC19 IO198PB4F18 AC20 IO199NB4F18 AG19 IO199PB4F18 AG20 IO200NB4F18 AH19 IO200PB4F18 AH20 IO201NB4F18 AK19 IO201PB4F18 AJ19 IO202NB4F18 AC18 IO202PB4F18 AB18 IO206NB4F19 AE18 IO206PB4F19 AD18 IO207NB4F19 AJ17 IO207PB4F19 AJ18 IO208NB4F19 AE17 IO208PB4F19 AD17 IO209NB4F19 AK17 IO210NB4F19 AC17 IO210PB4F19 AB17 IO211NB4F19 AJ16 IO211PB4F19 AK16 IO212NB4F19/CLKEN AG18 IO212PB4F19/CLKEP AH18 IO213NB4F19/CLKFN AG16 IO213PB4F19/CLKFP AG17 Bank 5 IO214NB5F20/CLKGN AG14 IO214PB5F20/CLKGP AG15 IO215NB5F20/CLKHN AG13 IO215PB5F20/CLKHP AH13 IO216NB5F20 AB14 896-Pin FBGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. IO216PB5F20 AC15 IO217NB5F20 AK15 IO217PB5F20 AJ15 IO218NB5F20 AE14 IO218PB5F20 AD14 IO219NB5F20 AK14 IO219PB5F20 AJ14 IO222NB5F20 AB13 IO222PB5F20 AC14 IO223NB5F21 AJ12 IO223PB5F21 AJ13 IO225NB5F21 AH11 IO225PB5F21 AH12 IO226NB5F21 AC13 IO226PB5F21 AD13 IO227NB5F21 AE12 IO227PB5F21 AE13 IO228NB5F21 AG11 IO228PB5F21 AG12 IO229NB5F21 AK11 IO229PB5F21 AK12 IO230NB5F21 AC12 IO230PB5F21 AD12 IO232NB5F21 AE11 IO232PB5F21 AF11 IO233NB5F21 AJ10 IO233PB5F21 AJ11 IO234NB5F21 AC11 IO234PB5F21 AD11 IO236NB5F22 AK9 IO236PB5F22 AK10 IO237NB5F22 AG9 IO237PB5F22 AG10 IO238NB5F22 AF9 896-Pin FBGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. |