전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX2000-1CSG896PP 데이터시트(PDF) 170 Page - Actel Corporation

부품명 AX2000-1CSG896PP
상세설명  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896PP 데이터시트(HTML) 170 Page - Actel Corporation

Back Button AX2000-1CSG896PP Datasheet HTML 166Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 167Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 168Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 169Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 170Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 171Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 172Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 173Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 174Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 226 page
background image
Axcelerator Family FPGAs
3- 64
v2.7
GND
AE6
GND
AF26
GND
AF5
GND
AG27
GND
AG4
GND
AH10
GND
AH15
GND
AH16
GND
AH21
GND
AH28
GND
AH3
GND
AJ1
GND
AJ2
GND
AJ22
GND
AJ29
GND
AJ30
GND
AJ9
GND
AK13
GND
AK18
GND
AK2
GND
AK23
GND
AK29
GND
AK8
GND
B1
GND
B2
GND
B22
GND
B29
GND
B30
GND
B9
GND
C10
GND
C15
GND
C16
GND
C21
GND
C28
896-Pin FBGA
AX2000 Function
Pin Number
* Not routed on the same package layer
and to adjacent LGA pads as its differential
pair complement. Recommended to be
used as a single-ended I/O.
GND
C3
GND
D27
GND
D28
GND
D4
GND
E26
GND
E5
GND
H1
GND
H30
GND
J2
GND
J22
GND
J29
GND
J9
GND
K10
GND
K21
GND
K28
GND
K3
GND
L11
GND
L20
GND
M12
GND
M13
GND
M14
GND
M15
GND
M16
GND
M17
GND
M18
GND
M19
GND
N1
GND
N12
GND
N13
GND
N14
GND
N15
GND
N16
GND
N17
GND
N18
896-Pin FBGA
AX2000 Function
Pin Number
* Not routed on the same package layer
and to adjacent LGA pads as its differential
pair complement. Recommended to be
used as a single-ended I/O.
GND
N19
GND
N30
GND
P12
GND
P13
GND
P14
GND
P15
GND
P16
GND
P17
GND
P18
GND
P19
GND
R12
GND
R13
GND
R14
GND
R15
GND
R16
GND
R17
GND
R18
GND
R19
GND
R28
GND
R3
GND
T12
GND
T13
GND
T14
GND
T15
GND
T16
GND
T17
GND
T18
GND
T19
GND
T28
GND
T3
GND
U12
GND
U13
GND
U14
GND
U15
896-Pin FBGA
AX2000 Function
Pin Number
* Not routed on the same package layer
and to adjacent LGA pads as its differential
pair complement. Recommended to be
used as a single-ended I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More