| 전자부품 데이터시트 검색엔진 |
|
AX2000-1CSG896PP 데이터시트(PDF) 172 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CSG896PP 데이터시트(HTML) 172 Page - Actel Corporation |
|
172 / 226 page ![]() Axcelerator Family FPGAs 3- 66 v2.7 VCCIB0 K14 VCCIB0 K15 VCCIB1 A28 VCCIB1 B28 VCCIB1 J19 VCCIB1 J20 VCCIB1 J21 VCCIB1 K16 VCCIB1 K17 VCCIB1 K18 VCCIB1 K19 VCCIB1 K20 VCCIB2 C29 VCCIB2 C30 VCCIB2 K22 VCCIB2 L21 VCCIB2 L22 VCCIB2 M21 VCCIB2 M22 VCCIB2 N21 VCCIB2 P21 VCCIB2 R21 VCCIB3 AA22 VCCIB3 AH29 VCCIB3 AH30 VCCIB3 T21 VCCIB3 U21 VCCIB3 V21 VCCIB3 W21 VCCIB3 W22 VCCIB3 Y21 VCCIB3 Y22 VCCIB4 AA16 VCCIB4 AA17 896-Pin FBGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. VCCIB4 AA18 VCCIB4 AA19 VCCIB4 AA20 VCCIB4 AB19 VCCIB4 AB20 VCCIB4 AB21 VCCIB4 AJ28 VCCIB4 AK28 VCCIB5 AA11 VCCIB5 AA12 VCCIB5 AA13 VCCIB5 AA14 VCCIB5 AA15 VCCIB5 AB10 VCCIB5 AB11 VCCIB5 AB12 VCCIB5 AJ3 VCCIB5 AK3 VCCIB6 AA9 VCCIB6 AH1 VCCIB6 AH2 VCCIB6 T10 VCCIB6 U10 VCCIB6 V10 VCCIB6 W10 VCCIB6 W9 VCCIB6 Y10 VCCIB6 Y9 VCCIB7 C1 VCCIB7 C2 VCCIB7 K9 VCCIB7 L10 VCCIB7 L9 VCCIB7 M10 896-Pin FBGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. VCCIB7 M9 VCCIB7 N10 VCCIB7 P10 VCCIB7 R10 VCCPLA G14 VCCPLB H15 VCCPLC G17 VCCPLD J16 VCCPLE AH17 VCCPLF AC16 VCCPLG AH14 VCCPLH AD15 VCOMPLA F14 VCOMPLB J15 VCOMPLC F17 VCOMPLD H16 VCOMPLE AF17 VCOMPLF AD16 VCOMPLG AF14 VCOMPLH AB15 VPUMP G24 896-Pin FBGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. |