| 전자부품 데이터시트 검색엔진 |
|
AX2000-1CS896PP 데이터시트(PDF) 108 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896PP 데이터시트(HTML) 108 Page - Actel Corporation |
|
108 / 226 page ![]() Axcelerator Family FPGAs 3- 2 v2.7 180-Pin CSP AX125 Function Pin Number Bank 0 IO00NB0F0 B3 IO00PB0F0 A3 IO02NB0F0 B4 IO02PB0F0 A4 IO07NB0F0/HCLKAN B5 IO07PB0F0/HCLKAP A5 IO08NB0F0/HCLKBN B7 IO08PB0F0/HCLKBP B6 Bank 1 IO09NB1F1/HCLKCN C9 IO09PB1F1/HCLKCP C8 IO10NB1F1/HCLKDN A10 IO10PB1F1/HCLKDP B10 IO11NB1F1 B11 IO11PB1F1 A11 IO15NB1F1 B12 IO15PB1F1 A12 IO17NB1F1 D12 IO17PB1F1 D11 Bank 2 IO18NB2F2 C13 IO18PB2F2 C12 IO19NB2F2 C14 IO19PB2F2 B14 IO20NB2F2 D13 IO20PB2F2 D14 IO22NB2F2 F12 IO22PB2F2 E12 IO24NB2F2 E13 IO24PB2F2 E14 IO26NB2F2 F13 IO26PB2F2 F14 IO28NB2F2 G12 IO28PB2F2 G11 Bank 3 IO30NB3F3 H13 IO30PB3F3 G13 IO32NB3F3 H11 IO32PB3F3 H12 IO34NB3F3 K14 IO34PB3F3 J14 IO36NB3F3 K13 IO36PB3F3 J13 IO38NB3F3 L13 IO38PB3F3 L14 IO40NB3F3 M13 IO40PB3F3 M14 IO41NB3F3 K12 IO41PB3F3 J12 Bank 4 IO42NB4F4 P13 IO42PB4F4 N13 IO43NB4F4 L12 IO43PB4F4 M12 IO46NB4F4 P12 IO46PB4F4 N12 IO47NB4F4 N11 IO47PB4F4 P11 IO49NB4F4/CLKEN M11 IO49PB4F4/CLKEP M10 IO50NB4F4/CLKFN N9 IO50PB4F4/CLKFP P9 Bank 5 IO51NB5F5/CLKGN M7 IO51PB5F5/CLKGP M8 IO52NB5F5/CLKHN P5 IO52PB5F5/CLKHP N5 IO53NB5F5 P4 IO53PB5F5 N4 IO55NB5F5 P3 IO55PB5F5 N3 IO56NB5F5 M4 IO56PB5F5 M5 IO57NB5F5 M2 IO57PB5F5 M3 180-Pin CSP AX125 Function Pin Number IO59NB5F5 N2 IO59PB5F5 P2 Bank 6 IO60NB6F6 M1 IO60PB6F6 N1 IO62NB6F6 K3 IO62PB6F6 L3 IO64NB6F6 L2 IO64PB6F6 L1 IO66NB6F6 K2 IO66PB6F6 K1 IO68NB6F6 H3 IO68PB6F6 J3 IO70NB6F6 G4 IO70PB6F6 H4 IO71NB6F6 J1 IO71PB6F6 J2 Bank 7 IO72NB7F7 G2 IO72PB7F7 H2 IO74NB7F7 F3 IO74PB7F7 G3 IO76NB7F7 F1 IO76PB7F7 F2 IO78NB7F7 E1 IO78PB7F7 E2 IO79NB7F7 D2 IO79PB7F7 D1 IO83NB7F7 C1 IO83PB7F7 C2 Dedicated I/O VCCDA B1 GND A1 GND A14 GND A7 GND A8 GND E10 GND E5 180-Pin CSP AX125 Function Pin Number |