| 전자부품 데이터시트 검색엔진 |
|
AX2000-1CS896PP 데이터시트(PDF) 113 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896PP 데이터시트(HTML) 113 Page - Actel Corporation |
|
113 / 226 page ![]() Axcelerator Family FPGAs v2.7 3-7 IO112NB3F10 U22 IO112PB3F10 U23 IO113NB3F10 Y26 IO113PB3F10 Y27 IO114NB3F10 U20 IO114PB3F10 U21 IO115NB3F10 W24 IO115PB3F10 W25 IO116NB3F10 V22 IO116PB3F10 V23 IO117NB3F10 Y24 IO117PB3F10 Y25 IO118NB3F11 V20 IO118PB3F11 V21 IO119NB3F11 AA26 IO119PB3F11 AA27 IO120NB3F11 W22 IO120PB3F11 W23 IO121NB3F11 AA24 IO121PB3F11 AA25 IO122NB3F11 W20 IO122PB3F11 W21 IO123NB3F11 AB26 IO123PB3F11 AB27 IO124NB3F11 Y22 IO124PB3F11 Y23 IO125NB3F11 AB24 IO125PB3F11 AB25 IO126NB3F11 AA22 IO126PB3F11 AA23 IO127NB3F11 AC26 IO127PB3F11 AC27 IO128NB3F11 Y20 IO128PB3F11 W19 Bank 4 IO129NB4F12 AA20 IO129PB4F12 Y21 IO130NB4F12 AB22 729-Pin PBGA AX1000 Function Pin Number IO130PB4F12 AB23 IO131NB4F12 AC22 IO131PB4F12 AC23 IO132NB4F12 AD23 IO132PB4F12 AD24 IO133NB4F12 AF23 IO133PB4F12 AE23 IO134NB4F12 AC21 IO134PB4F12 AB21 IO135NB4F12 AC20 IO135PB4F12 AB20 IO136NB4F12 AD21 IO136PB4F12 AD22 IO137NB4F12 Y19 IO137PB4F12 AA19 IO138NB4F12 AE21 IO138PB4F12 AE22 IO139NB4F13 AF21 IO139PB4F13 AF22 IO140NB4F13 AG22 IO140PB4F13 AG23 IO141NB4F13 Y18 IO141PB4F13 AA18 IO142NB4F13 AE20 IO142PB4F13 AD20 IO143NB4F13 AG20 IO143PB4F13 AG21 IO144NB4F13 AC19 IO144PB4F13 AB19 IO145NB4F13 AD18 IO145PB4F13 AD19 IO146NB4F13 AC18 IO146PB4F13 AB18 IO147NB4F13 Y17 IO147PB4F13 AA17 IO148NB4F13 AF19 IO148PB4F13 AF20 IO149NB4F13 AC17 729-Pin PBGA AX1000 Function Pin Number IO149PB4F13 AB17 IO150NB4F13 AE18 IO150PB4F13 AE19 IO151NB4F13 AA16 IO151PB4F13 Y16 IO152NB4F14 AG18 IO152PB4F14 AG19 IO153NB4F14 AC16 IO153PB4F14 AB16 IO154NB4F14 AF17 IO154PB4F14 AF18 IO155NB4F14 AB15 IO155PB4F14 AC15 IO156NB4F14 AE16 IO156PB4F14 AE17 IO157NB4F14 Y15 IO157PB4F14 AA15 IO158NB4F14 AG16 IO158PB4F14 AG17 IO159NB4F14/CLKEN AF15 IO159PB4F14/CLKEP AF16 IO160NB4F14/CLKFN AD14 IO160PB4F14/CLKFP AD15 Bank 5 IO161NB5F15/CLKGN AE14 IO161PB5F15/CLKGP AE15 IO162NB5F15/CLKHN AC13 IO162PB5F15/CLKHP AD13 IO163NB5F15 Y14 IO163PB5F15 AA14 IO164NB5F15 AE13 IO164PB5F15 AF13 IO165NB5F15 AF12 IO165PB5F15 AG12 IO166NB5F15 AD12 IO166PB5F15 AE12 IO167NB5F15 Y13 IO167PB5F15 AA13 729-Pin PBGA AX1000 Function Pin Number |