전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX2000-1CS896PP 데이터시트(PDF) 134 Page - Actel Corporation

부품명 AX2000-1CS896PP
상세설명  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896PP 데이터시트(HTML) 134 Page - Actel Corporation

Back Button AX2000-1CS896PP Datasheet HTML 130Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 131Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 132Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 133Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 134Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 135Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 136Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 137Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 138Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 226 page
background image
Axcelerator Family FPGAs
3- 28
v2.7
IO40PB1F3
D20
IO41NB1F3
G16
IO41PB1F3
G15
Bank 2
IO42NB2F4
F19
IO42PB2F4
E19
IO43NB2F4
J16
IO43PB2F4
H16
IO44NB2F4
E22
IO44PB2F4
D22
IO45NB2F4
H19
IO45PB2F4
G19
IO46NB2F4
G22
IO46PB2F4
F22
IO47NB2F4
J17
IO47PB2F4
H17
IO48NB2F4
G20
IO48PB2F4
F20
IO49NB2F4
J18
IO49PB2F4
H18
IO50NB2F4
G21
IO50PB2F4
F21
IO51NB2F4
K19
IO51PB2F4
J19
IO52NB2F5
J21
IO52PB2F5
H21
IO53NB2F5
J20
IO53PB2F5
H20
IO54NB2F5
J22
IO54PB2F5
H22
IO55NB2F5
L17
IO55PB2F5
K17
IO56NB2F5
K21
IO56PB2F5
K22
IO58NB2F5
L20
IO58PB2F5
K20
IO59NB2F5
L18
IO59PB2F5
K18
484-Pin FBGA
AX500 Function
Pin Number
IO60NB2F5
M21
IO60PB2F5
L21
IO61NB2F5
L16
IO61PB2F5
K16
IO62NB2F5
M19
IO62PB2F5
L19
Bank 3
IO63NB3F6
N16
IO63PB3F6
M16
IO64NB3F6
P22
IO64PB3F6
N22
IO65NB3F6
N20
IO65PB3F6
M20
IO66NB3F6
P21
IO66PB3F6
N21
IO67NB3F6
N18
IO67PB3F6
N19
IO68NB3F6
T22
IO68PB3F6
R22
IO69NB3F6
N17
IO69PB3F6
M17
IO70NB3F6
T21
IO70PB3F6
R21
IO71NB3F6
P18
IO71PB3F6
P19
IO72NB3F6
R20
IO72PB3F6
P20
IO73PB3F6
R19
IO74NB3F7
V21
IO74PB3F7
U21
IO75NB3F7
V22
IO75PB3F7
U22
IO76NB3F7
U20
IO76PB3F7
T20
IO77NB3F7
R17
IO77PB3F7
P17
IO78NB3F7
W21
IO78PB3F7
W22
484-Pin FBGA
AX500 Function
Pin Number
IO79NB3F7
T18
IO79PB3F7
R18
IO80NB3F7
W20
IO80PB3F7
V20
IO81NB3F7
U19
IO81PB3F7
T19
IO82NB3F7
U18
IO82PB3F7
V19
IO83NB3F7
R16
IO83PB3F7
P16
Bank 4
IO84NB4F8
AB18
IO84PB4F8
AB19
IO85NB4F8
T15
IO85PB4F8
T16
IO86NB4F8
AA18
IO86PB4F8
AA19
IO87NB4F8
W17
IO87PB4F8
V17
IO88NB4F8
Y19
IO88PB4F8
W18
IO89NB4F8
U14
IO89PB4F8
U15
IO90NB4F8
Y17
IO90PB4F8
Y18
IO91NB4F8
V15
IO91PB4F8
V16
IO92PB4F8
AB17
IO93NB4F8
Y15
IO93PB4F8
Y16
IO94NB4F9
AA16
IO94PB4F9
AA17
IO95NB4F9
AB14
IO95PB4F9
AB15
IO96NB4F9
W15
IO96PB4F9
W16
IO97NB4F9
AA13
IO97PB4F9
AB13
484-Pin FBGA
AX500 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More