전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX2000-1CS896PP 데이터시트(PDF) 150 Page - Actel Corporation

부품명 AX2000-1CS896PP
상세설명  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896PP 데이터시트(HTML) 150 Page - Actel Corporation

Back Button AX2000-1CS896PP Datasheet HTML 146Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 147Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 148Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 149Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 150Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 151Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 152Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 153Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 154Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 226 page
background image
Axcelerator Family FPGAs
3- 44
v2.7
IO72NB2F6
G26
IO72PB2F6
F26
IO73NB2F6
E26
IO73PB2F6
D26
IO74NB2F7
J21
IO74PB2F7
J22
IO75NB2F7
J24
IO75PB2F7
H24
IO76NB2F7
K23
IO76PB2F7
J23
IO77NB2F7
H25
IO77PB2F7
G25
IO78NB2F7
K25
IO78PB2F7
J25
IO80NB2F7
K21
IO80PB2F7
K22
IO81NB2F7
K26
IO81PB2F7
J26
IO82NB2F7
L24
IO82PB2F7
K24
IO83NB2F7
L23
IO83PB2F7
L22
IO84NB2F7
L20
IO84PB2F7
L21
IO86NB2F8
L26
IO86PB2F8
L25
IO88NB2F8
M23
IO88PB2F8
M22
IO89NB2F8
M26
IO89PB2F8
M25
IO90NB2F8
M20
IO90PB2F8
M21
IO91NB2F8
N24
IO91PB2F8
M24
IO92NB2F8
N22
IO92PB2F8
N23
IO94NB2F8
N20
IO94PB2F8
N21
IO95NB2F8
P25
676-Pin FBGA
AX1000 Function
Pin Number
IO95PB2F8
N25
Bank 3
IO98NB3F9
P20
IO98PB3F9
P21
IO99NB3F9
R24
IO99PB3F9
P24
IO100NB3F9
R22
IO100PB3F9
P22
IO101NB3F9
T26
IO101PB3F9
R26
IO102NB3F9
R21
IO102PB3F9
R20
IO103NB3F9
T25
IO103PB3F9
R25
IO105NB3F9
V26
IO105PB3F9
U26
IO106NB3F9
T23
IO106PB3F9
R23
IO107NB3F10
U24
IO107PB3F10
T24
IO108NB3F10
U22
IO108PB3F10
T22
IO109NB3F10
V25
IO109PB3F10
U25
IO110NB3F10
T21
IO110PB3F10
T20
IO112NB3F10
V23
IO112PB3F10
U23
IO113NB3F10
Y25
IO113PB3F10
W25
IO114NB3F10
V21
IO114PB3F10
U21
IO115NB3F10
W24
IO115PB3F10
V24
IO116NB3F10
AA26
IO116PB3F10
Y26
IO118NB3F11
AC26
IO118PB3F11
AB26
IO119NB3F11
AB25
676-Pin FBGA
AX1000 Function
Pin Number
IO119PB3F11
AA25
IO120NB3F11
W22
IO120PB3F11
V22
IO121NB3F11
Y23
IO121PB3F11
W23
IO122NB3F11
AA24
IO122PB3F11
Y24
IO123NB3F11
AE26
IO123PB3F11
AD26
IO124NB3F11
Y21
IO124PB3F11
W21
IO125NB3F11
AD25
IO125PB3F11
AC25
IO126NB3F11
AB23
IO126PB3F11
AA23
IO127NB3F11
AC24
IO127PB3F11
AB24
IO128NB3F11
AA22
IO128PB3F11
Y22
Bank 4
IO129NB4F12
AB21
IO129PB4F12
AA21
IO131NB4F12
AD22
IO131PB4F12
AD23
IO132NB4F12
AE23
IO132PB4F12
AE24
IO133NB4F12
AB20
IO133PB4F12
AA20
IO134NB4F12
AC21
IO134PB4F12
AC22
IO135NB4F12
AF22
IO135PB4F12
AF23
IO137NB4F12
AB19
IO137PB4F12
AA19
IO139NB4F13
AC19
IO139PB4F13
AC20
IO140NB4F13
AE21
IO140PB4F13
AE22
IO141NB4F13
AD20
676-Pin FBGA
AX1000 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More