| 전자부품 데이터시트 검색엔진 |
|
AX2000-1CS896PP 데이터시트(PDF) 160 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896PP 데이터시트(HTML) 160 Page - Actel Corporation |
|
160 / 226 page ![]() Axcelerator Family FPGAs 3- 54 v2.7 IO224PB6F20 T2 Bank 7 IO225NB7F21 R7 IO225PB7F21 R6 IO226NB7F21 R4 IO226PB7F21 R5 IO227NB7F21 R8 IO227PB7F21 R9 IO228NB7F21 P1 IO228PB7F21 R1 IO229NB7F21 P9 IO229PB7F21 P8 IO230NB7F21 N2 IO230PB7F21 P2 IO231NB7F21 P7 IO231PB7F21 P6 IO232NB7F21 N3 IO232PB7F21 P3 IO233NB7F21 P4 IO233PB7F21 P5 IO234NB7F21 L1 IO234PB7F21 M1 IO235NB7F21 M4 IO235PB7F21 N4 IO236NB7F22 N7 IO236PB7F22 N6 IO237NB7F22 N8 IO237PB7F22 N9 IO238NB7F22 M5 IO238PB7F22 N5 IO239NB7F22 L2 IO239PB7F22 M2 IO240NB7F22 L3 IO240PB7F22 M3 IO241NB7F22 M8 IO241PB7F22 M7 IO242NB7F22 K4 IO242PB7F22 L4 896-Pin FBGA AX1000 Function Pin Number IO243NB7F22 L6 IO243PB7F22 M6 IO244NB7F22 K5 IO244PB7F22 L5 IO245NB7F22 J4 IO245PB7F22 J3 IO246NB7F22 G2 IO246PB7F22 H2 IO247NB7F23 L8 IO247PB7F23 L7 IO248NB7F23 G3 IO248PB7F23 H3 IO249NB7F23 G4 IO249PB7F23 H4 IO250NB7F23 J6 IO250PB7F23 K6 IO251NB7F23 H5 IO251PB7F23 J5 IO252NB7F23 F2 IO252PB7F23 F1 IO253NB7F23 K8 IO253PB7F23 K7 IO254NB7F23 F4 IO254PB7F23 F3 IO255NB7F23 G6 IO255PB7F23 H6 IO256NB7F23 F5 IO256PB7F23 G5 IO257NB7F23 H7 IO257PB7F23 J7 Dedicated I/O GND A13 GND A18 GND A2 GND A23 GND A29 GND A8 GND AA10 896-Pin FBGA AX1000 Function Pin Number GND AA21 GND AA28 GND AA3 GND AB2 GND AB22 GND AB29 GND AB9 GND AC1 GND AC30 GND AE25 GND AE6 GND AF26 GND AF5 GND AG27 GND AG4 GND AH10 GND AH15 GND AH16 GND AH21 GND AH28 GND AH3 GND AJ1 GND AJ2 GND AJ22 GND AJ29 GND AJ30 GND AJ9 GND AK13 GND AK18 GND AK2 GND AK23 GND AK29 GND AK8 GND B1 GND B2 GND B22 GND B29 GND B30 896-Pin FBGA AX1000 Function Pin Number |