전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX2000-1CS896PP 데이터시트(PDF) 168 Page - Actel Corporation

부품명 AX2000-1CS896PP
상세설명  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896PP 데이터시트(HTML) 168 Page - Actel Corporation

Back Button AX2000-1CS896PP Datasheet HTML 164Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 165Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 166Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 167Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 168Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 169Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 170Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 171Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 172Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 226 page
background image
Axcelerator Family FPGAs
3- 62
v2.7
IO238PB5F22
AF10
IO239NB5F22
AH8
IO239PB5F22
AH9
IO240NB5F22
AC10
IO240PB5F22
AD10
IO242NB5F22
AE9
IO242PB5F22
AE10
IO243NB5F22
AJ7
IO243PB5F22
AJ8
IO244NB5F22
AK6
IO244PB5F22
AK7
IO245NB5F23
AF8
IO245PB5F23
AG8
IO246NB5F23
AD8
IO246PB5F23
AD9
IO247NB5F23
AG7
IO247PB5F23
AH7
IO248NB5F23
AK5
IO249NB5F23
AJ5
IO249PB5F23
AJ6
IO250NB5F23
AC8
IO250PB5F23
AC9
IO251NB5F23
AH6
IO251PB5F23
AG6
IO252NB5F23
AF6
IO252PB5F23
AF7
IO253NB5F23
AG2
IO253PB5F23
AG1
IO254NB5F23
AE7
IO254PB5F23
AE8
IO255NB5F23
AG5
IO255PB5F23
AH5
IO256NB5F23
AJ4
IO256PB5F23
AK4
896-Pin FBGA
AX2000 Function
Pin Number
* Not routed on the same package layer
and to adjacent LGA pads as its differential
pair complement. Recommended to be
used as a single-ended I/O.
Bank 6
IO257NB6F24
AE4
IO257PB6F24
AF4
IO258NB6F24
AB7
IO258PB6F24
AC7
IO259NB6F24
AD5
IO259PB6F24
AE5
IO260NB6F24
AF1
IO260PB6F24
AF2
IO261NB6F24
AF3
IO261PB6F24
AG3
IO262NB6F24
AC4
IO262PB6F24
AD4
IO263NB6F24
AD3
IO263PB6F24
AE3
IO264NB6F24
AB6
IO264PB6F24
AC6
IO265NB6F24
AD1
IO265PB6F24
AE1
IO266NB6F24
AA8
IO266PB6F24
AB8
IO267NB6F25
AB5
IO267PB6F25
AC5
IO268NB6F25
AB3
IO268PB6F25
AC3
IO269NB6F25
AC2
IO269PB6F25
AD2
IO270NB6F25
Y7
IO270PB6F25
AA7
IO271NB6F25
AA4
IO271PB6F25
AB4
IO272NB6F25
Y6
IO272PB6F25
AA6
IO273NB6F25
AB1*
896-Pin FBGA
AX2000 Function
Pin Number
* Not routed on the same package layer
and to adjacent LGA pads as its differential
pair complement. Recommended to be
used as a single-ended I/O.
IO273PB6F25
AE2*
IO274NB6F25
W8
IO274PB6F25
Y8
IO275NB6F25
Y5
IO275PB6F25
AA5
IO277NB6F25
AA2
IO277PB6F25
AA1
IO278NB6F26
W6
IO278PB6F26
W7
IO279NB6F26
Y3
IO279PB6F26
Y4
IO280NB6F26
V8
IO280PB6F26
V9
IO281NB6F26
Y1
IO281PB6F26
Y2
IO282NB6F26
V5
IO282PB6F26
W5
IO284NB6F26
V7
IO284PB6F26
V6
IO285NB6F26
W3
IO285PB6F26
W4
IO286NB6F26
U8
IO286PB6F26
U9
IO287NB6F26
W1
IO287PB6F26
W2
IO288NB6F26
U7
IO288PB6F26
U6
IO290NB6F27
U4
IO290PB6F27
V4
IO291NB6F27
U3
IO291PB6F27
V3
IO292NB6F27
T5
IO292PB6F27
U5
IO293NB6F27
U2
896-Pin FBGA
AX2000 Function
Pin Number
* Not routed on the same package layer
and to adjacent LGA pads as its differential
pair complement. Recommended to be
used as a single-ended I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More