| 전자부품 데이터시트 검색엔진 |
|
AX2000-1CS896PP 데이터시트(PDF) 176 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896PP 데이터시트(HTML) 176 Page - Actel Corporation |
|
176 / 226 page ![]() Axcelerator Family FPGAs 3- 70 v2.7 IO115PB2F10 R29 IO116NB2F10 P34 IO116PB2F10 P33 IO117NB2F10 R27 IO117PB2F10 R26 IO118NB2F11 R34 IO118PB2F11 R33 IO119NB2F11 T24 IO119PB2F11 T25 IO120NB2F11 T33 IO120PB2F11 T34 IO121NB2F11 T27 IO121PB2F11 T26 IO122NB2F11 T30 IO122PB2F11 T29 IO123NB2F11 U28 IO123PB2F11 T28 IO124NB2F11 T31 IO124PB2F11 T32 IO125NB2F11 U24 IO125PB2F11 U25 IO126NB2F11 U33 IO126PB2F11 U34 IO127NB2F11 U26 IO127PB2F11 U27 IO128NB2F11 U31 IO128PB2F11 U32 Bank 3 IO129NB3F12 V29 IO129PB3F12 U29 IO130NB3F12 V31 IO130PB3F12 V32 IO131NB3F12 V24 IO131PB3F12 V25 IO132NB3F12 W28 IO132PB3F12 V28 IO133NB3F12 W26 IO133PB3F12 V26 IO134NB3F12 W33 1152-Pin FBGA AX2000 Function Pin Number IO134PB3F12 V33 IO135NB3F12 W25 IO135PB3F12 W24 IO136NB3F12 W31 IO136PB3F12 W32 IO137NB3F12 Y30 IO137PB3F12 W30 IO138NB3F12 Y29 IO138PB3F12 W29 IO139NB3F13 Y27 IO139PB3F13 W27 IO140NB3F13 AA33 IO140PB3F13 Y33 IO141NB3F13 Y25 IO141PB3F13 Y24 IO142NB3F13 AA31 IO142PB3F13 Y31 IO143NB3F13 AA28 IO143PB3F13 Y28 IO144NB3F13 AA34 IO144PB3F13 Y34 IO145NB3F13 AA26 IO145PB3F13 Y26 IO146NB3F13 AA29 IO146PB3F13 AA30 IO147NB3F13 AB30 IO147PB3F13 AB29 IO148NB3F13 AB32 IO148PB3F13 AA32 IO149NB3F13 AB27 IO149PB3F13 AA27 IO150NB3F14 AC31 IO150PB3F14 AB31 IO151NB3F14 AD33 IO151PB3F14 AC33 IO152NB3F14 AC28 IO152PB3F14 AB28 IO153NB3F14 AB25 IO153PB3F14 AA25 1152-Pin FBGA AX2000 Function Pin Number IO154NB3F14 AD32 IO154PB3F14 AC32 IO155NB3F14 AD29 IO155PB3F14 AC29 IO156NB3F14 AE30 IO156PB3F14 AD30 IO157NB3F14 AC26 IO157PB3F14 AB26 IO158NB3F14 AH33 IO158PB3F14 AG33 IO159NB3F14 AD27 IO159PB3F14 AC27 IO160NB3F14 AG32 IO160PB3F14 AF32 IO161NB3F15 AG31 IO161PB3F15 AF31 IO162NB3F15 AF29 IO162PB3F15 AE29 IO163NB3F15 AE28 IO163PB3F15 AD28 IO164NB3F15 AG30 IO164PB3F15 AF30 IO165NB3F15 AE26 IO165PB3F15 AD26 IO166NB3F15 AJ30 IO166PB3F15 AH30 IO167NB3F15 AG28 IO167PB3F15 AF28 IO168NB3F15 AF27 IO168PB3F15 AE27 IO169NB3F15 AH29 IO169PB3F15 AG29 IO170NB3F15 AD25 IO170PB3F15 AC25 Bank 4 IO171NB4F16 AP29 IO171PB4F16 AN29 IO172NB4F16 AH26 IO172PB4F16 AH27 1152-Pin FBGA AX2000 Function Pin Number |