| 전자부품 데이터시트 검색엔진 |
|
AX2000-1CSG896M 데이터시트(PDF) 149 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CSG896M 데이터시트(HTML) 149 Page - Actel Corporation |
|
149 / 226 page ![]() Axcelerator Family FPGAs v2.7 3-43 676-Pin FBGA AX1000 Function Pin Number Bank 0 IO00NB0F0 B4 IO00PB0F0 C4 IO02NB0F0 E7 IO02PB0F0 E6 IO03NB0F0 D6 IO03PB0F0 D5 IO04NB0F0 B5 IO04PB0F0 C5 IO05NB0F0 A5 IO05PB0F0 A4 IO06NB0F0 F7 IO06PB0F0 F6 IO07NB0F0 B6 IO07PB0F0 C6 IO08NB0F0 C7 IO08PB0F0 D7 IO10NB0F0 F8 IO10PB0F0 E8 IO11NB0F0 A7 IO11PB0F0 A6 IO12NB0F1 C8 IO12PB0F1 D8 IO13NB0F1 B8 IO13PB0F1 B7 IO14NB0F1 D9 IO14PB0F1 E9 IO16NB0F1 F10 IO16PB0F1 F9 IO18NB0F1 B9 IO18PB0F1 C9 IO19NB0F1 A10 IO19PB0F1 A9 IO20NB0F1 D10 IO20PB0F1 E10 IO21NB0F1 B10 IO21PB0F1 C10 IO22NB0F2 F11 IO22PB0F2 G11 IO24NB0F2 D11 IO24PB0F2 E11 IO26NB0F2 C12 IO26PB0F2 C11 IO28NB0F2 F12 IO28PB0F2 G12 IO30NB0F2/HCLKAN A12 IO30PB0F2/HCLKAP B12 IO31NB0F2/HCLKBN C13 IO31PB0F2/HCLKBP B13 Bank 1 IO32NB1F3/HCLKCN C15 IO32PB1F3/HCLKCP C14 IO33NB1F3/HCLKDN A15 IO33PB1F3/HCLKDP B15 IO35NB1F3 B16 IO35PB1F3 A16 IO36NB1F3 F15 IO36PB1F3 G15 IO38NB1F3 F16 IO38PB1F3 G16 IO40NB1F3 A18 IO40PB1F3 A17 IO41NB1F4 C18 IO41PB1F4 C17 IO42NB1F4 D16 IO42PB1F4 E16 IO44NB1F4 D18 IO44PB1F4 D17 IO45NB1F4 B19 IO45PB1F4 B18 IO46NB1F4 B20 IO46PB1F4 A20 IO48NB1F4 F17 IO48PB1F4 E17 IO49NB1F4 A22 IO49PB1F4 A21 IO50NB1F4 E18 IO50PB1F4 F18 676-Pin FBGA AX1000 Function Pin Number IO51NB1F4 D19 IO51PB1F4 C19 IO52NB1F4 D20 IO52PB1F4 C20 IO54NB1F5 B22 IO54PB1F5 B21 IO55NB1F5 D21 IO55PB1F5 C21 IO56NB1F5 F19 IO56PB1F5 E19 IO57NB1F5 B23 IO57PB1F5 A23 IO58NB1F5 D22 IO58PB1F5 C22 IO59NB1F5 B24 IO59PB1F5 A24 IO60NB1F5 E21 IO60PB1F5 E20 IO62NB1F5 D23 IO62PB1F5 C23 IO63NB1F5 F21 IO63PB1F5 F20 Bank 2 IO64NB2F6 H21 IO64PB2F6 G21 IO65NB2F6 G22 IO65PB2F6 F22 IO66NB2F6 F24 IO66PB2F6 F23 IO67NB2F6 E24 IO67PB2F6 E23 IO68NB2F6 H23 IO68PB2F6 H22 IO69NB2F6 D25 IO69PB2F6 C25 IO70NB2F6 G24 IO70PB2F6 G23 IO71NB2F6 F25 IO71PB2F6 E25 676-Pin FBGA AX1000 Function Pin Number |