| 전자부품 데이터시트 검색엔진 |
|
AX2000-1CSG896M 데이터시트(PDF) 151 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CSG896M 데이터시트(HTML) 151 Page - Actel Corporation |
|
151 / 226 page ![]() Axcelerator Family FPGAs v2.7 3-45 IO141PB4F13 AD21 IO143NB4F13 AB17 IO143PB4F13 AB18 IO144NB4F13 AE19 IO144PB4F13 AE20 IO145NB4F13 AC17 IO145PB4F13 AC18 IO146NB4F13 AD18 IO146PB4F13 AD19 IO147NB4F13 AA17 IO147PB4F13 AA18 IO148NB4F13 AF20 IO148PB4F13 AF21 IO149NB4F13 AA16 IO149PB4F13 Y16 IO151NB4F13 AC16 IO151PB4F13 AB16 IO153NB4F14 AE17 IO153PB4F14 AE18 IO154NB4F14 AF17 IO154PB4F14 AF18 IO155NB4F14 AA15 IO155PB4F14 Y15 IO157NB4F14 AC15 IO157PB4F14 AB15 IO159NB4F14/CLKEN AE16 IO159PB4F14/CLKEP AF16 IO160NB4F14/CLKFN AE14 IO160PB4F14/CLKFP AE15 Bank 5 IO161NB5F15/CLKGN AE12 IO161PB5F15/CLKGP AE13 IO162NB5F15/CLKHN AE11 IO162PB5F15/CLKHP AF11 IO163NB5F15 AC12 IO163PB5F15 AB12 IO165NB5F15 Y12 IO165PB5F15 AA13 IO167NB5F15 Y11 676-Pin FBGA AX1000 Function Pin Number IO167PB5F15 AA12 IO168NB5F15 AF9 IO168PB5F15 AF10 IO169NB5F15 AB11 IO169PB5F15 AA11 IO171NB5F16 AE9 IO171PB5F16 AE10 IO173NB5F16 AC10 IO173PB5F16 AC11 IO174NB5F16 AE7 IO174PB5F16 AE8 IO175NB5F16 AC9 IO175PB5F16 AD9 IO176NB5F16 AF6 IO176PB5F16 AF7 IO177NB5F16 AA10 IO177PB5F16 AB10 IO179NB5F16 AD7 IO179PB5F16 AD8 IO180NB5F16 AC7 IO180PB5F16 AC8 IO181NB5F17 AA9 IO181PB5F17 AB9 IO183NB5F17 AD6 IO183PB5F17 AE6 IO184NB5F17 AE5 IO184PB5F17 AF5 IO185NB5F17 AA8 IO185PB5F17 AB8 IO187NB5F17 AC5 IO187PB5F17 AC6 IO188NB5F17 AD4 IO188PB5F17 AD5 IO189NB5F17 AB6 IO189PB5F17 AB7 IO190NB5F17 AF4 IO190PB5F17 AE4 IO191NB5F17 AE3 IO191PB5F17 AF3 676-Pin FBGA AX1000 Function Pin Number IO192NB5F17 AA6 IO192PB5F17 AA7 Bank 6 IO193NB6F18 Y5 IO193PB6F18 AA5 IO194NB6F18 AB3 IO194PB6F18 AC3 IO195NB6F18 Y4 IO195PB6F18 AA4 IO196NB6F18 AC2 IO196PB6F18 AD2 IO197NB6F18 W6 IO197PB6F18 Y6 IO198NB6F18 AD1 IO198PB6F18 AE1 IO199NB6F18 AA2 IO199PB6F18 AB2 IO200NB6F18 Y3 IO200PB6F18 AA3 IO201NB6F18 V5 IO201PB6F18 W5 IO202NB6F18 AB1 IO202PB6F18 AC1 IO203NB6F19 V4 IO203PB6F19 W4 IO204NB6F19 V3 IO204PB6F19 W3 IO205NB6F19 U6 IO205PB6F19 V6 IO206NB6F19 W2 IO206PB6F19 Y2 IO207NB6F19 U4 IO207PB6F19 U5 IO208NB6F19 Y1 IO208PB6F19 AA1 IO209NB6F19 T6 IO209PB6F19 T7 IO211NB6F19 T3 IO211PB6F19 U3 676-Pin FBGA AX1000 Function Pin Number |