| 전자부품 데이터시트 검색엔진 |
|
AX2000-1CS896M 데이터시트(PDF) 179 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896M 데이터시트(HTML) 179 Page - Actel Corporation |
|
179 / 226 page ![]() Axcelerator Family FPGAs v2.7 3-73 IO289NB6F27 AA1 IO289PB6F27 AA2 IO290NB6F27 W6 IO290PB6F27 Y6 IO291NB6F27 W5 IO291PB6F27 Y5 IO292NB6F27 V7 IO292PB6F27 W7 IO293NB6F27 W4 IO293PB6F27 Y4 IO294NB6F27 V10 IO294PB6F27 V11 IO295NB6F27 Y1 IO295PB6F27 Y2 IO296NB6F27 W1 IO296PB6F27 W2 IO297NB6F27 V1 IO297PB6F27 V2 IO298NB6F27 V9 IO298PB6F27 V8 IO299NB6F27 U4 IO299PB6F27 V4 Bank 7 IO300NB7F28 U10 IO300PB7F28 U11 IO301NB7F28 U2 IO301PB7F28 U1 IO302NB7F28 U6 IO302PB7F28 U7 IO303NB7F28 T3 IO303PB7F28 U3 IO304NB7F28 U9 IO304PB7F28 U8 IO305NB7F28 R2 IO305PB7F28 R1 IO306NB7F28 R4 IO306PB7F28 T4 IO307NB7F28 R5 IO307PB7F28 T5 1152-Pin FBGA AX2000 Function Pin Number IO308NB7F28 T11 IO308PB7F28 T10 IO309NB7F28 T6 IO309PB7F28 T7 IO310NB7F29 T9 IO310PB7F29 T8 IO311NB7F29 N3 IO311PB7F29 P3 IO312NB7F29 P7 IO312PB7F29 R7 IO313NB7F29 P6 IO313PB7F29 R6 IO314NB7F29 M2 IO314PB7F29 N2 IO315NB7F29 N4 IO315PB7F29 P4 IO316NB7F29 R9 IO316PB7F29 R8 IO317NB7F29 N5 IO317PB7F29 P5 IO318NB7F29 R10 IO318PB7F29 R11 IO319NB7F29 L2 IO319PB7F29 L1 IO320NB7F29 N8 IO320PB7F29 P8 IO321NB7F30 M6 IO321PB7F30 N6 IO322NB7F30 P10 IO322PB7F30 P9 IO323NB7F30 L3 IO323PB7F30 M3 IO324NB7F30 M7 IO324PB7F30 N7 IO325NB7F30 K2 IO325PB7F30 K1 IO326NB7F30 G2 IO326PB7F30 H2 IO327NB7F30 L6 1152-Pin FBGA AX2000 Function Pin Number IO327PB7F30 L5 IO328NB7F30 N10 IO328PB7F30 N9 IO329NB7F30 J4 IO329PB7F30 K4 IO330NB7F30 J5 IO330PB7F30 K5 IO331NB7F30 M10 IO331PB7F30 M9 IO332NB7F31 L8 IO332PB7F31 M8 IO333NB7F31 F2 IO333PB7F31 F1 IO334NB7F31 J6 IO334PB7F31 K6 IO335NB7F31 H4 IO335PB7F31 H3 IO336NB7F31 K7 IO336PB7F31 L7 IO337NB7F31 G4 IO337PB7F31 G3 IO338NB7F31 K9 IO338PB7F31 L9 IO339NB7F31 H6 IO339PB7F31 H5 IO340NB7F31 H7 IO340PB7F31 J7 IO341NB7F31 J8 IO341PB7F31 K8 Dedicated I/O GND A13 GND A2 GND A22 GND A27 GND A3 GND A31 GND A32 GND A33 GND A4 1152-Pin FBGA AX2000 Function Pin Number |