전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX2000-1CS896M 데이터시트(PDF) 183 Page - Actel Corporation

부품명 AX2000-1CS896M
상세설명  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896M 데이터시트(HTML) 183 Page - Actel Corporation

Back Button AX2000-1CS896M Datasheet HTML 179Page - Actel Corporation AX2000-1CS896M Datasheet HTML 180Page - Actel Corporation AX2000-1CS896M Datasheet HTML 181Page - Actel Corporation AX2000-1CS896M Datasheet HTML 182Page - Actel Corporation AX2000-1CS896M Datasheet HTML 183Page - Actel Corporation AX2000-1CS896M Datasheet HTML 184Page - Actel Corporation AX2000-1CS896M Datasheet HTML 185Page - Actel Corporation AX2000-1CS896M Datasheet HTML 186Page - Actel Corporation AX2000-1CS896M Datasheet HTML 187Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 226 page
background image
Axcelerator Family FPGAs
v2.7
3-77
VCCIB0
L13
VCCIB0
L14
VCCIB0
M13
VCCIB0
M14
VCCIB0
M15
VCCIB0
M16
VCCIB0
M17
VCCIB1
A30
VCCIB1
B30
VCCIB1
C30
VCCIB1
D30
VCCIB1
L21
VCCIB1
L22
VCCIB1
L23
VCCIB1
M18
VCCIB1
M19
VCCIB1
M20
VCCIB1
M21
VCCIB1
M22
VCCIB2
E31
VCCIB2
E32
VCCIB2
E33
VCCIB2
E34
VCCIB2
M24
VCCIB2
N23
VCCIB2
N24
VCCIB2
P23
VCCIB2
P24
VCCIB2
R23
VCCIB2
T23
VCCIB2
U23
VCCIB3
AA23
VCCIB3
AA24
VCCIB3
AB23
VCCIB3
AB24
VCCIB3
AC24
VCCIB3
AK31
VCCIB3
AK32
VCCIB3
AK33
1152-Pin FBGA
AX2000 Function
Pin Number
VCCIB3
AK34
VCCIB3
V23
VCCIB3
W23
VCCIB3
Y23
VCCIB4
AC18
VCCIB4
AC19
VCCIB4
AC20
VCCIB4
AC21
VCCIB4
AC22
VCCIB4
AD21
VCCIB4
AD22
VCCIB4
AD23
VCCIB4
AL30
VCCIB4
AM30
VCCIB4
AN30
VCCIB4
AP30
VCCIB5
AC13
VCCIB5
AC14
VCCIB5
AC15
VCCIB5
AC16
VCCIB5
AC17
VCCIB5
AD12
VCCIB5
AD13
VCCIB5
AD14
VCCIB5
AL5
VCCIB5
AM5
VCCIB5
AN5
VCCIB5
AP5
VCCIB6
AA11
VCCIB6
AA12
VCCIB6
AB11
VCCIB6
AB12
VCCIB6
AC11
VCCIB6
AK1
VCCIB6
AK2
VCCIB6
AK3
VCCIB6
AK4
VCCIB6
V12
VCCIB6
W12
1152-Pin FBGA
AX2000 Function
Pin Number
VCCIB6
Y12
VCCIB7
E1
VCCIB7
E2
VCCIB7
E3
VCCIB7
E4
VCCIB7
M11
VCCIB7
N11
VCCIB7
N12
VCCIB7
P11
VCCIB7
P12
VCCIB7
R12
VCCIB7
T12
VCCIB7
U12
VCCPLA
J16
VCCPLB
K17
VCCPLC
J19
VCCPLD
L18
VCCPLE
AK19
VCCPLF
AE18
VCCPLG
AK16
VCCPLH
AF17
VCOMPLA
H16
VCOMPLB
L17
VCOMPLC
H19
VCOMPLD
K18
VCOMPLE
AH19
VCOMPLF
AF18
VCOMPLG
AH16
VCOMPLH
AD17
VPUMP
J26
1152-Pin FBGA
AX2000 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More