| 전자부품 데이터시트 검색엔진 |
|
AX2000-1CS896B 데이터시트(PDF) 138 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896B 데이터시트(HTML) 138 Page - Actel Corporation |
|
138 / 226 page ![]() Axcelerator Family FPGAs 3- 32 v2.7 484-Pin FBGA AX1000 Function Pin Number Bank 0 IO01NB0F0 E3 IO01PB0F0 D3 IO02NB0F0 E7 IO02PB0F0 E6 IO05NB0F0 D2 IO05PB0F0 E2 IO06NB0F0 C5 IO06PB0F0 C4 IO12NB0F1 D7 IO12PB0F1 D6 IO13NB0F1 B5 IO13PB0F1 B4 IO14NB0F1 E9 IO14PB0F1 E8 IO15NB0F1 C7 IO15PB0F1 C6 IO16NB0F1 A5 IO16PB0F1 A4 IO17NB0F1 B7 IO17PB0F1 B6 IO18NB0F1 A7 IO18PB0F1 A6 IO19NB0F1 C9 IO19PB0F1 C8 IO20NB0F1 D9 IO20PB0F1 D8 IO21NB0F1 B9 IO21PB0F1 B8 IO22NB0F2 A9 IO22PB0F2 A8 IO23NB0F2 B10 IO23PB0F2 A10 IO26NB0F2 A14 IO26PB0F2 A13 IO29NB0F2 B12 IO29PB0F2 B11 IO30NB0F2/HCLKAN E11 IO30PB0F2/HCLKAP E10 IO31NB0F2/HCLKBN D12 IO31PB0F2/HCLKBP D11 Bank 1 IO32NB1F3/HCLKCN F13 IO32PB1F3/HCLKCP F12 IO33NB1F3/HCLKDN E14 IO33PB1F3/HCLKDP E13 IO34NB1F3 C13 IO34PB1F3 C12 IO37NB1F3 B14 IO37PB1F3 B13 IO38NB1F3 A16 IO38PB1F3 A15 IO40NB1F3 C15 IO42NB1F4 A18 IO42PB1F4 A17 IO43NB1F4 B16 IO43PB1F4 B15 IO44NB1F4 B18 IO44PB1F4 B17 IO45NB1F4 B19 IO45PB1F4 A19 IO46NB1F4 C19 IO46PB1F4 C18 IO48NB1F4 F15 IO48PB1F4 F14 IO49NB1F4 D16 IO49PB1F4 D15 IO50NB1F4 C17 IO50PB1F4 C16 IO51NB1F4 E22 IO51PB1F4 D22 IO52NB1F4 E16 IO52PB1F4 E15 IO57NB1F5 E21 IO57PB1F5 D21 IO60NB1F5 G16 IO60PB1F5 G15 IO61NB1F5 D18 IO61PB1F5 E17 IO63NB1F5 E20 IO63PB1F5 D20 Bank 2 IO64NB2F6 F18 IO64PB2F6 F17 IO67NB2F6 F19 IO67PB2F6 E19 484-Pin FBGA AX1000 Function Pin Number IO68NB2F6 J16 IO68PB2F6 H16 IO70NB2F6 J17 IO70PB2F6 H17 IO74NB2F7 J18 IO74PB2F7 H18 IO75NB2F7 G20 IO75PB2F7 F20 IO79NB2F7 H19 IO79PB2F7 G19 IO80NB2F7 L16 IO80PB2F7 K16 IO84NB2F7 L17 IO84PB2F7 K17 IO85NB2F8 G21 IO85PB2F8 F21 IO86NB2F8 G22 IO86PB2F8 F22 IO87NB2F8 J20 IO87PB2F8 H20 IO88NB2F8 L18 IO88PB2F8 K18 IO89NB2F8 K19 IO89PB2F8 J19 IO90NB2F8 J21 IO90PB2F8 H21 IO91NB2F8 J22 IO91PB2F8 H22 IO93NB2F8 K21 IO93PB2F8 K22 IO94NB2F8 L20 IO94PB2F8 K20 IO95NB2F8 M21 IO95PB2F8 L21 Bank 3 IO96NB3F9 N16 IO96PB3F9 M16 IO97NB3F9 M19 IO97PB3F9 L19 IO98NB3F9 P22 IO98PB3F9 N22 IO99NB3F9 N20 IO99PB3F9 M20 484-Pin FBGA AX1000 Function Pin Number |