| 전자부품 데이터시트 검색엔진 |
|
AX2000-1CS896B 데이터시트(PDF) 205 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896B 데이터시트(HTML) 205 Page - Actel Corporation |
|
205 / 226 page ![]() Axcelerator Family FPGAs v2.7 3-99 352-Pin CQFP AX2000 Function Pin Number Bank 0 IO01NB0F0 341 IO01PB0F0 342 IO02PB0F0 343 IO04NB0F0 337 IO04PB0F0 338 IO05NB0F0 335 IO05PB0F0 336 IO08NB0F0 331 IO08PB0F0 332 IO37NB0F3 325 IO37PB0F3 326 IO38NB0F3 323 IO38PB0F3 324 IO41NB0F3/HCLKAN 319 IO41PB0F3/HCLKAP 320 IO42NB0F3/HCLKBN 313 IO42PB0F3/HCLKBP 314 Bank 1 IO43NB1F4/HCLKCN 305 IO43PB1F4/HCLKCP 306 IO44NB1F4/HCLKDN 299 IO44PB1F4/HCLKDP 300 IO48NB1F4 295 IO48PB1F4 296 IO65NB1F6 283 IO65PB1F6 284 IO66NB1F6 289 IO66PB1F6 290 IO68NB1F6 287 IO68PB1F6 288 IO69NB1F6 275 IO69PB1F6 276 IO70NB1F6 281 IO70PB1F6 282 IO71NB1F6 277 IO71PB1F6 278 IO73NB1F6 269 IO73PB1F6 270 IO74NB1F6 271 IO74PB1F6 272 Bank 2 IO87NB2F8 261 IO87PB2F8 262 IO88NB2F8 255 IO88PB2F8 256 IO89NB2F8 259 IO89PB2F8 260 IO91NB2F8 253 IO91PB2F8 254 IO99NB2F9 249 IO99PB2F9 250 IO100NB2F9 247 IO100PB2F9 248 IO107NB2F10 243 IO107PB2F10 244 IO110NB2F10 241 IO110PB2F10 242 IO111NB2F10 237 IO111PB2F10 238 IO112NB2F10 235 IO112PB2F10 236 IO113NB2F10 231 IO113PB2F10 232 IO114NB2F10 229 IO114PB2F10 230 IO115NB2F10 225 IO115PB2F10 226 IO117NB2F10 223 IO117PB2F10 224 Bank 3 IO129NB3F12 219 IO129PB3F12 220 IO132NB3F12 217 IO132PB3F12 218 IO137NB3F12 213 IO137PB3F12 214 IO139NB3F13 211 IO139PB3F13 212 IO141NB3F13 205 IO141PB3F13 206 IO142NB3F13 207 352-Pin CQFP AX2000 Function Pin Number IO142PB3F13 208 IO145NB3F13 199 IO145PB3F13 200 IO146NB3F13 201 IO146PB3F13 202 IO147NB3F13 193 IO147PB3F13 194 IO148NB3F13 195 IO148PB3F13 196 IO149NB3F13 189 IO149PB3F13 190 IO161NB3F15 183 IO161PB3F15 184 IO163NB3F15 187 IO163PB3F15 188 IO165NB3F15 181 IO165PB3F15 182 IO167NB3F15 179 IO167PB3F15 180 Bank 4 IO181NB4F17 172 IO181PB4F17 173 IO182NB4F17 170 IO182PB4F17 171 IO183NB4F17 166 IO183PB4F17 167 IO184NB4F17 164 IO184PB4F17 165 IO185NB4F17 160 IO185PB4F17 161 IO190NB4F17 158 IO190PB4F17 159 IO191NB4F17 154 IO191PB4F17 155 IO192NB4F17 152 IO192PB4F17 153 IO207NB4F19 146 IO207PB4F19 147 IO212NB4F19/CLKEN 142 IO212PB4F19/CLKEP 143 IO213NB4F19/CLKFN 136 352-Pin CQFP AX2000 Function Pin Number |