전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX2000-1CS896B 데이터시트(PDF) 210 Page - Actel Corporation

부품명 AX2000-1CS896B
상세설명  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896B 데이터시트(HTML) 210 Page - Actel Corporation

Back Button AX2000-1CS896B Datasheet HTML 206Page - Actel Corporation AX2000-1CS896B Datasheet HTML 207Page - Actel Corporation AX2000-1CS896B Datasheet HTML 208Page - Actel Corporation AX2000-1CS896B Datasheet HTML 209Page - Actel Corporation AX2000-1CS896B Datasheet HTML 210Page - Actel Corporation AX2000-1CS896B Datasheet HTML 211Page - Actel Corporation AX2000-1CS896B Datasheet HTML 212Page - Actel Corporation AX2000-1CS896B Datasheet HTML 213Page - Actel Corporation AX2000-1CS896B Datasheet HTML 214Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 226 page
background image
Axcelerator Family FPGAs
3- 104
v2.7
IO64PB2F6
G22
IO65NB2F6
J21
IO65PB2F6
J20
IO66NB2F6
L23
IO66PB2F6
K20
IO67NB2F6
F23
IO67PB2F6
E23
IO68NB2F6
L18
IO68PB2F6
K18
IO70NB2F6
E24
IO70PB2F6
D24
IO71NB2F6
H23
IO71PB2F6
G23
IO72NB2F6
L19
IO72PB2F6
K19
IO74NB2F7
J22
IO74PB2F7
H22
IO75NB2F7
N23
IO75PB2F7
M23
IO76NB2F7
N17
IO76PB2F7
N16
IO77NB2F7
L22
IO77PB2F7
K22
IO78NB2F7
M19
IO78PB2F7
M18
IO79NB2F7
N19
IO79PB2F7
N18
IO80NB2F7
L21
IO80PB2F7
L20
IO82NB2F7
P18
IO82PB2F7
P17
IO83NB2F7
N22
IO83PB2F7
M22
IO84NB2F7
M20
IO84PB2F7
M21
IO86NB2F8
E25
IO86PB2F8
D25
624-Pin CCGA
AX1000 Function
Pin Number
IO87NB2F8
L24
IO87PB2F8
K24
IO88NB2F8
G24
IO88PB2F8
F24
IO89NB2F8
J25
IO90NB2F8
G25
IO90PB2F8
F25
IO91NB2F8
L25
IO91PB2F8
K25
IO92NB2F8
J24
IO92PB2F8
H24
IO93PB2F8
J23
IO94NB2F8
N24
IO94PB2F8
M24
IO95NB2F8
N25
IO95PB2F8
M25
Bank 3
IO96NB3F9
T18
IO96PB3F9
R18
IO97NB3F9
N20
IO97PB3F9
P24
IO98NB3F9
P20
IO98PB3F9
P19
IO99NB3F9
P21
IO100NB3F9
T22
IO100PB3F9
W24
IO101NB3F9
R22
IO101PB3F9
P22
IO102NB3F9
U19
IO102PB3F9
T19
IO104NB3F9
V20
IO104PB3F9
U20
IO105NB3F9
R23
IO105PB3F9
P23
IO106NB3F9
R19
IO106PB3F9
R20
IO107NB3F10
AB24
624-Pin CCGA
AX1000 Function
Pin Number
IO108NB3F10
R25
IO108PB3F10
P25
IO109NB3F10
U25
IO109PB3F10
T25
IO110NB3F10
U24
IO110PB3F10
U23
IO112NB3F10
T24
IO112PB3F10
R24
IO113NB3F10
Y25
IO113PB3F10
W25
IO114NB3F10
V23
IO114PB3F10
V24
IO116NB3F10
AA24
IO116PB3F10
Y24
IO117NB3F10
AB25
IO117PB3F10
AA25
IO118NB3F11
T20
IO118PB3F11
R21
IO120NB3F11
W22
IO120PB3F11
W23
IO122NB3F11
V22
IO122PB3F11
U22
IO124NB3F11
Y23
IO124PB3F11
AA23
IO126NB3F11
V21
IO126PB3F11
U21
IO128NB3F11
Y22
IO128PB3F11
Y21
Bank 4
IO129NB4F12
W20
IO129PB4F12
Y20
IO131NB4F12
V19
IO131PB4F12
W19
IO133NB4F12
Y18
IO133PB4F12
Y19
IO135NB4F12
W18
IO135PB4F12
V18
624-Pin CCGA
AX1000 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More