전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCL4148 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 MCL4148
상세설명  Silicon Epitaxial Planar Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCL4148 데이터시트(HTML) 2 Page - Vishay Siliconix

  MCL4148 Datasheet HTML 1Page - Vishay Siliconix MCL4148 Datasheet HTML 2Page - Vishay Siliconix MCL4148 Datasheet HTML 3Page - Vishay Siliconix MCL4148 Datasheet HTML 4Page - Vishay Siliconix MCL4148 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MCL4148.MCL4448
Vishay Telefunken
Rev. 3, 01-Apr-99
2 (5)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85566
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=5mA
MCL4448
VF
0.62
0.72
V
g
IF=50mA
MCL4148
VF
0.86
1
V
IF=100mA
MCL4448
VF
0.93
1
V
Reverse current
VR=20V
IR
25
nA
VR=20V, Tj=150°C
IR
50
mA
VR=75V
IR
5
mA
Breakdown voltage
IR=100mA, tp/T=0.01,
tp=0.3ms
V(BR)
100
V
Diode capacitance
VR=0, f=1MHz, VHF=50mV
CD
4
pF
Rectification efficiency
VHF=2V, f=100MHz
hr
45
%
Reverse recovery time
IF=IR=10mA, iR=1mA
trr
8
ns
y
IF=10mA, VR=6V, iR=0.1xIR,
RL=100W
trr
4
ns
Characteristics (Tj = 25_C unless otherwise specified)
25
2.5
10
0.71
1.3
1.27
9.9
24
0.152
0.355
95 10329
Figure 1. Board for RthJA definition (in mm)
1.2
1.2
2.4
0.6
0.6
Reflow Soldering
Figure 2. Recommended foot pads (in mm)
1.4
1.4
2.8
0.7
0.7
Wave Soldering
Figure 3. Recommended foot pads (in mm)



Html Pages

1 2 3 4 5