전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LDO03C 데이터시트(PDF) 2 Page - Emerson Network Power

부품명 LDO03C
상세설명  LDO03C Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EMERSON-NETWORKPOWER [Emerson Network Power]
홈페이지  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LDO03C 데이터시트(HTML) 2 Page - Emerson Network Power

  LDO03C Datasheet HTML 1Page - Emerson Network Power LDO03C Datasheet HTML 2Page - Emerson Network Power LDO03C Datasheet HTML 3Page - Emerson Network Power LDO03C Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev.01.29.09
LDO03C
2 of 4
Embedded Power for
Business-Critical Continuity
Thermal performance
See Note 5
Operating ambient
Non-operating ambient
-40 °C to +85 °C
-40 °C to +125 °C
Short-circuit
Hiccup, non-latching
Overvoltage protection
Hiccup, non-latching
Input
See Note 6
0 μF
Output
See Note 7
0 μF
Protection
Environmental Specifications
Output
Power
(Max.)
Input
Voltage
Output
Voltage
Output
Current
(Min.)
Output
Current
(Max.)
Efficiency
(Typical)
Regulation
Line
Load
Model
Number (3,5)
15W
3-13.8 Vdc
0.59-5.1 V
0 A
3 A
90%
±0.2%
±0.5%
LDO03C-005W05-VJ
15W
3-13.8 Vdc
0.59-5.1 V
0 A
3 A
90%
±0.2%
±0.5%
LDO03C-005W05-HJ
15W
3-13.8 Vdc
0.59-5.1 V
0 A
3 A
90%
±0.2%
±0.5%
LDO03C-005W05-SJ
Ordering Information
Part Number System with Options
Output Voltage Adjustment of the LDO03C Series
The ultra-wide output voltage trim range offers major advantages to users who select the
LDO03C series. It is no longer necessary to purchase a variety of modules in order to cover
different output voltages. The output voltage can be trimmed in a range of 0.59-5.1 Vdc.
When the LDO03C converter leaves the factory, the output has been adjusted to the default
voltage of 0.59 V.
Recommended System Capacitance
Product Family
Product Family
LDO = LDO Series
Rated Output
Current
Rated Output
Current
03 = 3 Amp
Output Voltage
Output Voltage
05 = 0.59-5.1 V
Performance
Performance
C = Cost
Optimized
Number of Pins
Type of Output
Type of Output
5W = 5 Pins and
Wide Output
Input Voltage
Input Voltage
00 = 3-13.8 V
RoHS Compliance
RoHS Compliance
J = Pb free (RoHS
6/6 compliant)
Mounting Option
Mounting Option
V = Vertical
H = Horizontal
S = Horizontal SMT
VS = Vertical SMT
Custom Option
Custom Option
LDO
03
C
-
00
5W
05
-
V
X
J
Notes:
1. Measured as per recommended system capacitance. See Technical Reference Note.
2. di/dt = 10 A/μs, Vin = Nom, Tc = 25 °C, load change = 0.50 lo to full lo and full lo to 0.50.
3. External input fusing is recommended.
4. Additional part numbers may be available with different output voltages.
5. Airflow dependent, 100 LFM minimum required.
6. No capacitors needed for ripple current stability.
7. No capacitors needed for stability.
8. TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special request,
please consult your local sales representative for details.
9. NOTICE: Some models do not support all options. Please contact your local Emerson
Network Power representative or use the on-line model number search tool at http://
www.powerconversion.com/powergroup/products.htm to find a suitable alternative.



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com