전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ORE9701L 데이터시트(PDF) 2 Page - Bedford Opto Technology Ltd.

부품명 ORE9701L
상세설명  Low Current PCB MOUNTED LEDS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOT [Bedford Opto Technology Ltd.]
홈페이지  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

ORE9701L 데이터시트(HTML) 2 Page - Bedford Opto Technology Ltd.

  ORE9701L Datasheet HTML 1Page - Bedford Opto Technology Ltd. ORE9701L Datasheet HTML 2Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ABSOLUTE MAXIMUM RATINGS (TA = 25OC)
Parameter
Value
Forward Current
7mA
Power Dissipation
20mW
Reverse Voltage
6V
Operating Temperature
-40
°C to +100°C
Storage Temperature
-55
°C to 100°C
Lead Soldering Temperature for 5sec
(2.0mm from Body)
260
°C
COLOUR
Lumenous
Intensity
If = 10mA
mcd
Peak Wavelength
nm
Viewing
Angle
1/2
Degrees
Forward Voltage
If = 2mA
volts
RED
min
typ
1
2
-
635
-
50
-
1.9
YELLOW
min
typ
1
2
-
585
-
50
-
2.4
GREEN
min
typ
ma
1
2
-
-
565
-
-
50
-
-
1.9
2.4
OPTO ELECTRONIC DATA (Ta = 25oC)
BEDFORD OPTO TECHNOLOGY LTD
1,BIGGAR BUSINESS PARK, BIGGAR, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
ORDERING INFORMATION
Dual LED
——-
ORD 9702XYL
X = Top LED position
Y = Bottom LED position
Single LED
——-
ORE 9701XL
X = Bottom LED position only
Indicate Colour by using
R= Red
Y= Yellow
G= Green
None Standard LED types position and polarities available on request
ORD 9702L
ORE 9701L
ISS B 20.12.00



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com