전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMT30E 데이터시트(PDF) 1 Page - Emerson Network Power

부품명 SMT30E
상세설명  12 Vin single output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EMERSON-NETWORKPOWER [Emerson Network Power]
홈페이지  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT30E 데이터시트(HTML) 1 Page - Emerson Network Power

  SMT30E Datasheet HTML 1Page - Emerson Network Power SMT30E Datasheet HTML 2Page - Emerson Network Power SMT30E Datasheet HTML 3Page - Emerson Network Power SMT30E Datasheet HTML 4Page - Emerson Network Power SMT30E Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
SMT30E Series
12 Vin single output
Special Features
• 30Acurrentrating
• Inputvoltagerange:
8 Vdc to 14 Vdc
• Outputvoltagerange:
0.8Vdcto3.63Vdc
• Ultrahighefficiency:
91%@12Vinand3.3Vout
• Extremelylowinternalpower
dissipation
• Minimalthermaldesign
concerns
• Designedinreliability:
MTBFof3,289,053hoursper
TelcordiaSR-332
• Idealsolutionwhereboard
spaceisatapremiumortighter
cardpitchisrequired
• Industrystandard
surface-mount footprint
• AvailableRoHScompliant
• 2yearwarranty
Total Power:
99W
Input Voltage: 8-14 Vdc
# of Outputs:
Single
Safety
UL/cULCAN/CSA22.2
No.EI74104
UL60950FileNo.EI74104
TÜVProductService
(EN60950)CertificateNo.B05
0638572055
CBreportandcertificateto
IEC60950
Rev.11.07.08_94
SMT30E
1 of 5
Output
Voltageadjustability:
0.8-3.63Vdc
Setpointaccuracy:
±1.3%typ.
Lineregulation:
±0.2%typ.
Loadregulation:
±1.5%typ.
Totalerrorband:
±3.0%typ.
Overshoot/undershoot:
None
Rippleandnoise:
5Hzto20MHz
60mVpk-pk
25mVrms
Transientcoefficient:
±0.01%/
ºCtyp.
Transientresponse:
Slewrate=0.5Aµs
1.5Vout
50%to75%loadstep
3%max.deviation
10µsrecoverytowithin±1.0
ElectricalSpecifications


유사한 부품 번호 - SMT30E

제조업체부품명데이터시트상세설명
logo
Artesyn Technologies
SMT30E ARTESYN-SMT30E Datasheet
198Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
logo
Advanced Energy Industr...
SMT30E ADVANCEDENERGY-SMT30E Datasheet
369Kb / 7P
E-Class Non-Isolated
logo
Artesyn Technologies
SMT30E-12W3V3-J ARTESYN-SMT30E-12W3V3-J Datasheet
525Kb / 4P
POWER E-Class Non-Isolated
SMT30E-12W3V3-TJ ARTESYN-SMT30E-12W3V3-TJ Datasheet
198Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
SMT30E-12W3V3J ARTESYN-SMT30E-12W3V3J Datasheet
198Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
More results

유사한 설명 - SMT30E

제조업체부품명데이터시트상세설명
logo
Artesyn Technologies
SIL05E ARTESYN-SIL05E Datasheet
432Kb / 11P
0.75 Vin to 3.63 Vin Single output
SMT05E ARTESYN-SMT05E Datasheet
580Kb / 15P
0.75 Vin to 3.63 Vin Single output
SMT05E-12V ARTESYN-SMT05E-12V Datasheet
230Kb / 12P
0.8 Vin - 3.63 Vin Single output
SMT10E ARTESYN-SMT10E Datasheet
658Kb / 32P
3.0 Vin to 5.5 Vin Single output
SMT15E-12V ARTESYN-SMT15E-12V Datasheet
290Kb / 12P
0.8 Vin to 3.63 Vin Single output
logo
Emerson Network Power
SMT06C EMERSON-NETWORKPOWER-SMT06C Datasheet
297Kb / 4P
5 Vin and 12 Vin single output
SIL30E-12W3V3-VJ EMERSON-NETWORKPOWER-SIL30E-12W3V3-VJ Datasheet
581Kb / 5P
12 Vin Single Output
logo
Artesyn Technologies
SMT15F-12S1V0J ARTESYN-SMT15F-12S1V0J Datasheet
297Kb / 5P
12 Vin single fixed output
SMT12F-03W2V6J ARTESYN-SMT12F-03W2V6J Datasheet
443Kb / 5P
3.3 Vin and 5 Vin single output
SMT40C-12SADJJ ARTESYN-SMT40C-12SADJJ_07 Datasheet
261Kb / 4P
12 Vin single output
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com