전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC2856-1 데이터시트(PDF) 4 Page - Linear Technology

부품명 LTC2856-1
상세설명  20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC2856-1 데이터시트(HTML) 4 Page - Linear Technology

  LTC2856-1 Datasheet HTML 1Page - Linear Technology LTC2856-1 Datasheet HTML 2Page - Linear Technology LTC2856-1 Datasheet HTML 3Page - Linear Technology LTC2856-1 Datasheet HTML 4Page - Linear Technology LTC2856-1 Datasheet HTML 5Page - Linear Technology LTC2856-1 Datasheet HTML 6Page - Linear Technology LTC2856-1 Datasheet HTML 7Page - Linear Technology LTC2856-1 Datasheet HTML 8Page - Linear Technology LTC2856-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC2856-1/LTC2856-2
LTC2857-1/LTC2857-2
LTC2858-1/LTC2858-2
4
285678fe
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Driver
|VOD|
Differential Driver Output Voltage
R = ∞, VCC = 4.5V (Figure 1)
VCC
V
R = 27
Ω (RS485), VCC = 4.5V (Figure 1)
1.5
VCC
V
R = 50
Ω (RS422), VCC = 4.5V (Figure 1)
2VCC
V
Δ|VOD|
Change in Magnitude of Driver Differential
Output Voltage for Complementary Output
States
R = 27
Ω or R = 50Ω (Figure 1)
0.2
V
VOC
Driver Common Mode Output Voltage
R = 27
Ω or R = 50Ω (Figure 1)
3V
Δ|VOC|
Change in Magnitude of Driver Common Mode
Output Voltage for Complementary Output
States
R = 27
Ω or R = 50Ω (Figure 1)
0.2
V
IOZD
Driver Three-State (High Impedance) Output
Current on Y and Z
DE = 0V, (Y or Z) = –7V, 12V, LTC2858-1,
LTC2858-2
±10
μA
IOSD
Maximum Driver Short-Circuit Current
–7V ≤ (Y or Z) ≤ 12V (Figure 2)
±120
±250
mA
Receiver
IIN
Receiver Input Current (A, B)
DE = TE = 0V, VCC = 0V or 5V, VIN = 12V
(Figure 3) (C, I-Grade)
DE = TE = 0V, VCC = 0V or 5V, VIN = –7V,
(Figure 3) (C, I-Grade)
–100
125
μA
μA
DE = TE = 0V, VCC = 0V or 5V, VIN = 12V
(Figure 3) (H-Grade)
DE = TE = 0V, VCC = 0V or 5V, VIN = –7V,
(Figure 3) (H-Grade)
–145
250
μA
μA
RIN
Receiver Input Resistance
RE = VCC or 0V, DE = TE = 0V,
VIN = –7V, –3V, 3V, 7V, 12V (Figure 3)
(C, I-Grade)
96
125
k
Ω
RE = VCC or 0V, DE = TE = 0V,
VIN = –7V, –3V, 3V, 7V, 12V (Figure 3)
(H-Grade)
48
125
k
Ω
VTH
Receiver Differential Input Threshold Voltage
–7V ≤ B ≤ 12V
±0.2
V
ΔVTH
Receiver Input Hysteresis
B = 0V
25
mV
VOH
Receiver Output High Voltage
I(RO) = –4mA, A-B = 200mV, VCC = 4.5V
2.4
V
VOL
Receiver Output Low Voltage
I(RO) = 4mA, A-B = –200mV, VCC = 4.5V
0.4
V
IOZR
Receiver Three-State (High Impedance) Output
Current on RO
RE = 5V, 0V ≤ RO ≤ VCC, LTC2856-1,
LTC2856-2, LTC2858-1, LTC2858-2
±1
μA
Logic
VIH
Logic Input High Voltage
DE, DI, RE, VCC = 5.5V
2V
VIL
Logic Input Low Voltage
DE, DI, RE, VCC = 4.5V
0.8
V
IINL
Logic Input Current
DE, DI, RE
0
±10
μA
Supplies
ICCS
Supply Current in Shutdown Mode
DE = 0V, RE = VCC,
LTC2856, LTC2858 (C and I-Grade)
LTC2856, LTC2858 (H-Grade)
0
0
5
15
μA
μA
ICCR
Supply Current in Receive Mode
No Load, DE = 0V, RE = 0V, LTC2856-1,
LTC2856-2, LTC2858-1, LTC2858-2
540
900
μA
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V unless otherwise noted. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com